Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4257IDD-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4257IDD-1
Description  Power over Ethernet Interface Controller with Dual Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257IDD-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4257IDD-1 Datasheet HTML 7Page - Linear Technology LTC4257IDD-1 Datasheet HTML 8Page - Linear Technology LTC4257IDD-1 Datasheet HTML 9Page - Linear Technology LTC4257IDD-1 Datasheet HTML 10Page - Linear Technology LTC4257IDD-1 Datasheet HTML 11Page - Linear Technology LTC4257IDD-1 Datasheet HTML 12Page - Linear Technology LTC4257IDD-1 Datasheet HTML 13Page - Linear Technology LTC4257IDD-1 Datasheet HTML 14Page - Linear Technology LTC4257IDD-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC4257-1
11
42571fa
accomplished by a dual level current limit. At turn on
before C1 is charged, the LTC4257-1 current limit is set to
the low level. After C1 is charged up and the VOUT – VIN
voltage difference is below the power good threshold, the
LTC4257-1 switches to the high level current limit. The
dual level current limit allows legacy PSEs with limited
current sourcing capability to power up the PD while also
allowing the PD to draw full power from an IEEE 802.3af
PSE.
The dual level current limit also allows use of arbitrarily
large load capacitors. The IEEE 802.3af specification man-
dates that at turn on the PD not exceed the inrush current
limit for more than 50ms. The LTC4257-1 is not restricted
by the 50ms time limit because the load capacitor is
charged with a current below the IEEE inrush current limit
specification. Therefore, it is possible to use larger load
capacitors with the LTC4257-1.
As the LTC4257-1 switches from the low to the high level
current limit, a momenatry increase in current can be
observed. This current spike is a result of the LTC4257-1
charging the last 1.5V at the high level current limit. When
charging a 10
µF capacitor, the current spike is typically
100
µs wide and 125% of the nominal low level current
limit.
The LTC4257-1 stays in the high level current limit mode
until the input voltage drops below the UVLO turn-off
threshold. This dual level current limit provides the sys-
tem designer with the flexibility to design PDs which are
compatible with legacy PSEs while also being able to take
advantage of the higher power allocation available in an
IEEE 802.3af system.
During the current limited turn on, a large amount of power
is dissipated in the power MOSFET. The LTC4257-1 is
designed to accept this thermal load and is thermally
protected to avoid damage to the onboard power MOSFET.
Note that in order to adhere to the IEEE 802.3af standard,
it is necessary for the PD designer to ensure the PD steady-
state power consumption falls within the limits shown in
Table 2.
Power Good
The LTC4257-1 includes a power good circuit (Figure 7)
that is used to indicate to the PD circuitry that load
capacitor C1 is fully charged and that the PD can start
DC/DC converter operation. The power good circuit moni-
tors the voltage across the internal power MOSFET and
PWRGD is asserted when the voltage drops below 1.5V.
The power good circuit includes a large amount of hyster-
esis to allow the LTC4257-1 to operate near the current
limit point without inadvertently disabling PWRGD. The
MOSFET voltage must increase to 3V before PWRGD is
disabled.
APPLICATIO S I FOR ATIO
Figure 7. LTC4257-1 Power Good
PWRGD
C1
5
µF
MIN
VIN
6
4
VOUT
1.125V
300k
300k
R9
100k
5
LTC4257-1
THERMAL SHUTDOWN
UVLO
42571 F07
TO
PSE
PD
LOAD
SHDN
+
+
+


Similar Part No. - LTC4257IDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257IDD LINER-LTC4257IDD Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
More results

Similar Description - LTC4257IDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microsemi Corporation
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
logo
Linear Technology
LTC4264 LINER-LTC4264 Datasheet
308Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com