Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3883ESX-1.8 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3883ESX-1.8
Description  3A Fast-Response Ultra Low Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3883ESX-1.8 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3883ESX-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP3883ESX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP3883ESX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP3883ESX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP3883ESX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP3883ESX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP3883ESX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP3883ESX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP3883ESX-1.8 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, COUT = 4.7µF, Cin =
4.7µF, S/D pin is tied to V
BIAS,VIN = 2.2V, VOUT = 1.8V. (Continued)
V
OUTStartup Waveform
Line Regulation vs V
BIAS
20062417
20062418
Line Regulation vs V
BIAS
V
IN PSRR
20062419
20062420
V
IN PSRR
V
BIAS PSRR
20062423
20062422
www.national.com
7


Similar Part No. - LP3883ESX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3883ESX-1.2 TI-LP3883ESX-1.2 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883ESX-1.2/NOPB TI-LP3883ESX-1.2/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3883ESX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
   3A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
   3A Fast Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ET-33 TI1-LP3853ET-33 Datasheet
2Mb / 25P
[Old version datasheet]   LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com