Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608N680J250ST Datasheet(PDF) 6 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # C1608N680J250ST
Description  HOTTECH CHIP CERAMIC CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

C1608N680J250ST Datasheet(HTML) 6 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Back Button C1608N680J250ST Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N680J250ST Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N680J250ST Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N680J250ST Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N680J250ST Datasheet HTML 6Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N680J250ST Datasheet HTML 7Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N680J250ST Datasheet HTML 8Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N680J250ST Datasheet HTML 9Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N680J250ST Datasheet HTML 10Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page:P11-P6
HOTTECH CHIP CERAMIC CAPACITORS
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
6.
VOLTAGE AND CAPACITANCE
( COG/NPO)
Size
Voltage
Capacitance
0201
25V
0.5 PF -1000PF
50V
0.5 PF -680PF
0402
25V
0.5 PF -2200PF
50V
0.5 PF -2200PF
0603
25V
0.5 PF -10000PF
50V
0.5 PF -10000PF
0805
25V
0.5 PF -68000PF
50V
0.5 PF -47000PF
1206
16V
0.5 PF -100000PF
25V
0.5 PF -100000PF
50V
0.5 PF -68000PF
1210
25V
470 PF -47000PF
50V
560 PF -56000PF
1812
25V
1000 PF -100000PF
50V
1000 PF -47000PF


Similar Part No. - C1608N680J250ST

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608NP01H010C080AA TDK-C1608NP01H010C080AA Datasheet
129Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H020C080AA TDK-C1608NP01H020C080AA Datasheet
131Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H030C080AA TDK-C1608NP01H030C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H040C080AA TDK-C1608NP01H040C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H050C080AA TDK-C1608NP01H050C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
More results

Similar Description - C1608N680J250ST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com