Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM104P150MTRF Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NPIM104P150MTRF
Description  NPIM Shielded Power Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM104P150MTRF Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NPIM104P150MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM104P150MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM104P150MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM104P150MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM104P150MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM104P150MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM104P150MTRF Datasheet HTML 9Page - NIC-Components Corp. NPIM104P150MTRF Datasheet HTML 10Page - NIC-Components Corp. NPIM104P150MTRF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 NIC COMPONENTS CORP.
www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Part Number
STANDARD VALUES - CASE Size 104P (11 x 10 x 3.8)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM104PR22MTRF
0.22 ± 20%
0.80
1.0
35
60
100KHz
NPIM104PR27MTRF
0.27 ± 20%
0.82
1.0
33
60
NPIM104PR36MTRF
0.36 ± 20%
1.05
1.2
31
60
NPIM104PR39MTRF
0.39 ± 20%
1.1
1.3
30
60
NPIM104PR45MTRF
0.45 ± 20%
1.3
1.5
29
45
NPIM104PR56MTRF
0.56 ± 20%
1.6
1.8
25
40
NPIM104P1R0MTRF
1.00 ± 20%
3.0
3.3
18
36
NPIM104P1R5MTRF
1.50 ± 20%
4.0
4.6
16
33
NPIM104P2R2MTRF
2.20 ± 20%
6.5
7.0
12
27
NPIM104P3R3MTRF
3.30 ± 20%
10.8
11.8
11
20
NPIM104P4R7MTRF
4.70 ± 20%
15
15.5
10
17
NPIM104P6R8MTRF
6.80 ± 20%
17.5
23.3
8.5
13.5
NPIM104P8R2MTRF
8.20 ± 20%
20
22.5
8.0
12.5
NPIM104P100MTRF
10.0 ± 20%
27
30
7.5
12
NPIM104P150MTRF
15.0 ± 20%
40
45
6.25
10
NPIM104P330MTRF
33.0 ± 20%
92
112
3.5
5.0
NPIM104P Size
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat
Part Number
STANDARD VALUES - CASE Size 147P (13.9 x 12.8 x 7.0)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM147PR33MTRF
0.33 ±20%
0.8
0.9
46
65
100KHz
NPIM147PR47MTRF
0.47 ±20%
1.0
1.2
41
63
NPIM147PR56MTRF
0.56 ±20%
1.2
1.4
37
62
NPIM147PR68MTRF
0.68 ±20%
1.45
1.6
35
60
NPIM147PR82MTRF
0.82 ±20%
1.75
1.9
33
50
NPIM147P1R0MTRF
1 ±20%
1.85
2.0
32
50
NPIM147P1R5MTRF
1.5 ±20%
2.6
3.0
27
45
NPIM147P2R2MTRF
2.2 ±20%
3.7
4.2
22
40
NPIM147P3R3MTRF
3.3 ±20%
6.2
6.8
18
35
NPIM147P4R7MTRF
4.7 ±20%
7.4
10
15
30
NPIM147P5R6MTRF
5.6 ±20%
9.7
11.2
13.5
26.5
NPIM147P6R8MTRF
6.8 ±20%
7.4
14
12
17
NPIM147P8R2MTRF
8.2 ±20%
13.4
15.5
10.5
16
NPIM147P100MTRF
10 ±20%
13.2
16.8
10
15.5
NPIM147P Size


Similar Part No. - NPIM104P150MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM104PA NIC-NPIM104PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM104PA100MTRQYF NIC-NPIM104PA100MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM104PA150MTRQYF NIC-NPIM104PA150MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM104PA1R0MTRQYF NIC-NPIM104PA1R0MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM104PA1R5MTRQYF NIC-NPIM104PA1R5MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM104P150MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com