Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI108C330K___F Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NLI108C330K___F
Description  NLI Radial Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI108C330K___F Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NLI108C330K___F Datasheet HTML 2Page - NIC-Components Corp. NLI108C330K___F Datasheet HTML 3Page - NIC-Components Corp. NLI108C330K___F Datasheet HTML 4Page - NIC-Components Corp. NLI108C330K___F Datasheet HTML 5Page - NIC-Components Corp. NLI108C330K___F Datasheet HTML 6Page - NIC-Components Corp. NLI108C330K___F Datasheet HTML 7Page - NIC-Components Corp. NLI108C330K___F Datasheet HTML 8Page - NIC-Components Corp. NLI108C330K___F Datasheet HTML 9Page - NIC-Components Corp. NLI108C330K___F Datasheet HTML 10Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPI81C STANDARD VALUES (H = 13mm x D = 10mm)
Part Number
Inductance
(mH) @ 1KHz
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(W) max.
DC I
(mA)
NLI81C3R3M_ _ _F
3.3
±20%
30
7.96MHz
65
0.012
5000
NLI81C3R9K_ _ _F
3.9
±10%
30
7.96MHz
55
0.014
4600
NLI81C4R7K_ _ _F
4.7
±10%
30
7.96MHz
45
0.016
4300
NLI81C5R6K_ _ _F
5.6
±10%
30
7.96MHz
38
0.02
3900
NLI81C6R8K_ _ _F
6.8
±10%
30
7.96MHz
27
0.022
3700
NLI81C8R2K_ _ _F
8.2
±10%
30
7.96MHz
21
0.024
3500
NLI81C100K_ _ _F
10
±10%
50
2.52MHz
17
0.025
3200
NLI81C120K_ _ _F
12
±10%
50
2.52MHz
15
0.027
3000
NLI81C150K_ _ _F
15
±10%
50
2.52MHz
13
0.033
2800
NLI81C180K_ _ _F
18
±10%
50
2.52MHz
12
0.039
2600
NLI81C220K_ _ _F
22
±10%
50
2.52MHz
11
0.047
2400
NLI81C270K_ _ _F
27
±10%
50
2.52MHz
10
0.052
2100
NLI81C330K_ _ _F
33
±10%
50
2.52MHz
8.5
0.075
1900
NLI81C390K_ _ _F
39
±10%
40
2.52MHz
7.7
0.082
1700
NLI81C470K_ _ _F
47
±10%
40
2.52MHz
6.7
0.10
1500
NLI81C560K_ _ _F
56
±10%
40
2.52MHz
6.4
0.15
1300
NLI81C680K_ _ _F
68
±10%
30
2.52MHz
5.8
0.18
1200
NLI81C820K_ _ _F
82
±10%
30
2.52MHz
5.2
0.20
1100
NLI81C101K_ _ _F
100
±10%
30
796KHz
4.4
0.20
900
NLI81C121K_ _ _F
120
±10%
30
796KHz
4.2
0.22
800
NLI81C151K_ _ _F
150
±10%
30
796KHz
3.7
0.24
720
NLI81C181K_ _ _F
180
±10%
30
796KHz
3.5
0.28
650
NLI81C221K_ _ _F
220
±10%
20
796KHz
3.3
0.35
600
NLI81C271K_ _ _F
270
±10%
20
796KHz
2.9
0.40
550
NLI81C331K_ _ _F
330
±10%
20
796KHz
2.6
0.47
500
NLI81C391K_ _ _F
390
±10%
20
796KHz
2.4
0.68
460
NLI81C471K_ _ _F
470
±10%
20
796KHz
2.2
0.8
420
NLI81C561K_ _ _F
560
±10%
20
796KHz
2.0
1.0
380
NLI81C681K_ _ _F
680
±10%
20
796KHz
1.8
1.2
350
NLI81C821K_ _ _F
820
±10%
20
796KHz
1.7
1.5
310
NLI81C102K_ _ _F
1,000
±10%
40
252KHz
1.5
1.8
280
NLI81C122K_ _ _F
1,200
±10%
40
252KHz
1.4
2.0
250
NLI81C152K_ _ _F
1,500
±10%
40
252KHz
1.3
2.4
230
NLI81C182K_ _ _F
1,800
±10%
40
252KHz
1.1
2.8
210
NLI81C222K_ _ _F
2,200
±10%
40
252KHz
1.0
3.3
190
NLI81C272K_ _ _F
2,700
±10%
40
252KHz
0.88
5.0
170
NLI81C332K_ _ _F
3,300
±10%
40
252KHz
0.78
5.6
150
NLI81C392K_ _ _F
3,900
±10%
40
252KHz
0.72
6.2
140
NLI81C472K_ _ _F
4,700
±10%
40
252KHz
0.65
7.0
130
NLI81C562K_ _ _F
5,600
±10%
40
252KHz
0.58
9.1
120
NLI81C682K_ _ _F
6,800
±10%
40
252KHz
0.55
10
110
NLI81C822K_ _ _F
8,200
±10%
20
252KHz
0.50
15
100
NLI81C103K_ _ _F
10,000
±10%
20
79.6KHz
0.42
24
90
NLI81C473K_ _ _F
47,000
±10%
60
79.6KHz
0.20
80
40
NLI81C104K_ _ _F
100,000
±10%
20
79.6KHz
0.14
180
28
NLI__C Series
NLI Radial Power Inductors
DC I maximum +20°C temperature rise, DL -10% max.
* Contact NIC for other tolerance options.


Similar Part No. - NLI108C330K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI108D NIC-NLI108D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI108D100M___F NIC-NLI108D100M___F Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI108D101K___F NIC-NLI108D101K___F Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI108D102K___F NIC-NLI108D102K___F Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI108D120M___F NIC-NLI108D120M___F Datasheet
146Kb / 14P
   NLI Radial Power Inductors
More results

Similar Description - NLI108C330K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com