Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96177CN Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96177CN
Description  RS-485/RS-422 Differential Bus Repeater
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96177CN Datasheet(HTML) 6 Page - National Semiconductor (TI)

  DS96177CN Datasheet HTML 1Page - National Semiconductor (TI) DS96177CN Datasheet HTML 2Page - National Semiconductor (TI) DS96177CN Datasheet HTML 3Page - National Semiconductor (TI) DS96177CN Datasheet HTML 4Page - National Semiconductor (TI) DS96177CN Datasheet HTML 5Page - National Semiconductor (TI) DS96177CN Datasheet HTML 6Page - National Semiconductor (TI) DS96177CN Datasheet HTML 7Page - National Semiconductor (TI) DS96177CN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Parameter Measurement Information (Continued)
Note 11: The input pulse is supplied by a generator having the following characteristics: PRR = 1.0 MHz, duty cycle
≈ 50%,tr ≤ 6.0 ns, tf ≤ 6.0 ns, ZO = 50Ω.
Note 12: CL includes probe and stray capacitance.
Note 13: DS96177 Enable is active high.
Note 14: All diodes are 1N916 or equivalent.
DS009644-15
DS009644-16
DS009644-17
DS009644-18
DS009644-19
FIGURE 9. Receiver Enable and Disable Times
www.national.com
6


Similar Part No. - DS96177CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
   RS-485/RS-422 Quad Differential Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172 Datasheet
770Kb / 13P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Drivers
logo
National Semiconductor ...
DS96172CN NSC-DS96172CN Datasheet
209Kb / 6P
   RS-485/RS-422 Quad Differential Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Drivers
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
More results

Similar Description - DS96177CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
   RS-422/485 Repeater
ADAM-4510 ADVANTECH-ADAM-4510_V01 Datasheet
486Kb / 1P
   RS-422/485 Repeater
26-Mar-2021
BB-485OPDR ADVANTECH-BB-485OPDR Datasheet
283Kb / 1P
   RS-422/485 Repeater, Industrial
27-Nov-2019
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
logo
National Semiconductor ...
LMS485 NSC-LMS485 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus
logo
ORing Industrial Networ...
ISC-1212-I ORING-ISC-1212-I Datasheet
1,014Kb / 3P
   Industrial RS-422/485 repeater
logo
National Semiconductor ...
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com