Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM73PR47MTRF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPIM73PR47MTRF
Description  NPIM Shielded Power Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM73PR47MTRF Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NPIM73PR47MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM73PR47MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM73PR47MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM73PR47MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM73PR47MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM73PR47MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM73PR47MTRF Datasheet HTML 9Page - NIC-Components Corp. NPIM73PR47MTRF Datasheet HTML 10Page - NIC-Components Corp. NPIM73PR47MTRF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
NPIM__P Series
Part Number
STANDARD VALUES - CASE Size 73P (7 x 6.6 x 2.2)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM73PR22MTRF
0.22 ± 20%
2.0
3.2
21
34
100KHz
NPIM73PR33MTRF
0.33 ± 20%
3.6
4.4
18
30
NPIM73PR47MTRF
0.47 ± 20%
4.8
5.1
15
26
NPIM73PR56MTRF
0.56 ± 20%
5.5
6.5
13
24
NPIM73PR68MTRF
0.68 ± 20%
6.4
7.2
13
21
NPIM73PR82MTRF
0.82 ± 20%
8.0
9.5
11
17
NPIM73P1R0MTRF
1.00 ± 20%
10.5
13.5
11
16
NPIM73P1R5MTRF
1.50 ± 20%
17
20
9.0
15
NPIM73P2R2MTRF
2.20 ± 20%
23
28
7.0
14
NPIM73P3R3MTRF
3.30 ± 20%
34
39
6.0
10
NPIM73P4R7MTRF
4.70 ± 20%
41
50
5.5
9.0
NPIM73P5R6MTRF
5.60 ± 20%
56
62
5.0
8.0
NPIM73P6R8MTRF
6.80 ± 20%
65
72
4.0
7.0
NPIM73P100MTRF
10.0 ± 20%
92
101
3.2
5.0
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat.
Contact NIC for
NPIM_P Performance Curves
Part Number
STANDARD VALUES - CASE Size 72P (7 x 6.6 x 1.8)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM72PR10YTRF
0.10 ± 30%
2.0
2.4
21
40
100KHz
NPIM72PR20YTRF
0.20 ± 30%
2.5
3.0
18
35
NPIM72PR33MTRF
0.33 ± 20%
4.5
5.0
14
25
NPIM72PR47MTRF
0.47 ± 20%
7.1
8.3
11.7
20
NPIM72PR68MTRF
0.68 ± 20%
8.3
10
10.5
16
NPIM72P1R0MTRF
1.00 ± 20%
16.5
18
8.0
14
NPIM72P1R5MTRF
1.50 ± 20%
23
27
7.0
12
NPIM72P2R2MTRF
2.20 ± 20%
32
37
6.0
10
NPIM72P3R3MTRF
3.30 ± 20%
43
48
5.0
8.0
NPIM72P4R7MTRF
4.70 ± 20%
53
60
4.5
7.0
NPIM72P5R6MTRF
5.60 ± 20%
59
68
4.0
6.0
NPIM72P6R8MTRF
6.80 ± 20%
63
73
4.0
5.5
NPIM72P8R2MTRF
8.20 ± 20%
101
116
3.2
5.0
NPIM72P100MTRF
10.0 ± 20%
134
154
2.8
4.0
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
NPIM72P Size
NPIM73P Size


Similar Part No. - NPIM73PR47MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM73B NIC-NPIM73B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM73B100MTRF NIC-NPIM73B100MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM73B100MTRF NIC-NPIM73B100MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM73B150MTRF NIC-NPIM73B150MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM73B150MTRF NIC-NPIM73B150MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM73PR47MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com