Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF7008 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SSF7008
Description  68V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF7008 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SSF7008 Datasheet HTML 1Page - GOOD-ARK Electronics SSF7008 Datasheet HTML 2Page - GOOD-ARK Electronics SSF7008 Datasheet HTML 3Page - GOOD-ARK Electronics SSF7008 Datasheet HTML 4Page - GOOD-ARK Electronics SSF7008 Datasheet HTML 5Page - GOOD-ARK Electronics SSF7008 Datasheet HTML 6Page - GOOD-ARK Electronics SSF7008 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SSF7008
68V N-Channel MOSFET
www.goodark.com
Page 3 of 7
Rev.1.0
Test Circuits and Waveforms
Switch Waveforms:
Notes
:
①Calculated continuous current based on maximum allowable junction temperature. Package
limitation current is 75A.
②Repetitive rating; pulse width limited by max. junction temperature.
③The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
④The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C
⑤These curves are based on the junction-to-case thermal impedence which is measured with the
device mounted to a large heatsink, assuming a maximum junction temperature of TJ(MAX)=175°C.


Similar Part No. - SSF7008

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF7008 GOOD-ARK-SSF7008_15 Datasheet
1Mb / 7P
   68V N-Channel MOSFET68V N-Channel MOSFET
More results

Similar Description - SSF7008

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF6808 GOOD-ARK-SSF6808_15 Datasheet
961Kb / 5P
   68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
   68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A_15 Datasheet
1,000Kb / 5P
   68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814_15 Datasheet
1Mb / 5P
   68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808 Datasheet
961Kb / 5P
   68V N-Channel MOSFET
SSF6908 GOOD-ARK-SSF6908_15 Datasheet
1Mb / 7P
   68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814 Datasheet
1Mb / 5P
   68V N-Channel MOSFET
SSF6908 GOOD-ARK-SSF6908 Datasheet
1Mb / 7P
   68V N-Channel MOSFET
logo
Guangdong Youtai Semico...
SVT078R0ND UMW-SVT078R0ND Datasheet
1,016Kb / 7P
   68V N-Channel Power Mosfet
logo
GOOD-ARK Electronics
SSF7008 GOOD-ARK-SSF7008_15 Datasheet
1Mb / 7P
   68V N-Channel MOSFET68V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com