Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF7NS60D Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF7NS60D
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF7NS60D Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF7NS60D Datasheet HTML 1Page - GOOD-ARK Electronics SSF7NS60D Datasheet HTML 2Page - GOOD-ARK Electronics SSF7NS60D Datasheet HTML 3Page - GOOD-ARK Electronics SSF7NS60D Datasheet HTML 4Page - GOOD-ARK Electronics SSF7NS60D Datasheet HTML 5Page - GOOD-ARK Electronics SSF7NS60D Datasheet HTML 6Page - GOOD-ARK Electronics SSF7NS60D Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF7NS60D
600V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.1.0
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
7
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
5
IDM
Pulsed Drain Current
28
A
Power Dissipation
83
W
PD @TC = 25°C
Linear Derating Factor
0.67
W/°C
VDS
Drain-Source Voltage
600
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=15.2mH
68
mJ
IAR
Avalanche Current @ L=15.2mH
3
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
VDSS
600V
RDS(on)
0.56Ω (typ.)
ID
7A
TO-252
Marking and Pin
Assignment
Schematic Diagram
High dv/dt and avalanche capabilities
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Lead free product
The SSF7NS60D series MOSFET is a new technology, which combines an innovative super junction
technology and advance process.
This new technology achieves low R DS (ON), energy saving, high
reliability and uniformity, superior power density and space saving.


Similar Part No. - SSF7NS60D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7NS60D SILIKRON-SSF7NS60D Datasheet
550Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF7NS60D GOOD-ARK-SSF7NS60D_15 Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF7NS60D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com