Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2542 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2542
Description  PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2542 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2542 Datasheet HTML 4Page - National Semiconductor (TI) LMX2542 Datasheet HTML 5Page - National Semiconductor (TI) LMX2542 Datasheet HTML 6Page - National Semiconductor (TI) LMX2542 Datasheet HTML 7Page - National Semiconductor (TI) LMX2542 Datasheet HTML 8Page - National Semiconductor (TI) LMX2542 Datasheet HTML 9Page - National Semiconductor (TI) LMX2542 Datasheet HTML 10Page - National Semiconductor (TI) LMX2542 Datasheet HTML 11Page - National Semiconductor (TI) LMX2542 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical Characteristics (Continued)
V
CC =VDD = CE = 2.8V, TA = +25˚C, unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
DIGITAL INTERFACE (CE, DATA, CLK, LE, LD)
V
IH
High-Level Input Voltage
0.8 V
DD
V
DD
V
0.8 V
CC
V
CC
V
V
IL
Low-Level Input Voltage
0
0.2 V
DD
V
0
0.2 V
CC
V
I
IH
High-Level Input Current
V
IH =VDD =VCC
10
µA
I
IL
Low-Level Input Current
V
IL = 0V
−10
µA
C
I
Input Capacitance
3.0
pF
V
OH
High-Level Output Voltage
0.9 V
DD
V
0.9 V
CC
V
V
OL
Low-Level Output Voltage
0.1 V
DD
V
0.1 V
CC
V
C
O
Output Capacitance
5.0
pF
MICROWIRE INTERFACE
t
CS
DATA to CLK Set Up Time
50.0
ns
t
CH
DATA to CLK Hold Time
10.0
ns
t
CWH
CLK Pulse Width HIGH
50.0
ns
t
CWL
CLK Pulse Width LOW
50.0
ns
t
ES
CLK to LE Set Up Time
50.0
ns
t
EW
LE Pulse Width
50.0
ns
Note 4: For other RF frequency ranges, please contact National Semiconductor Corporation.
Note 5: When the Cellular-CDMA mode is used, an external /2 circuit is required before the Cellular mixer LO port. Furthermore, if an external /1.5 circuit is available
before the GPS mixer LO port, the GPS frequency of 1391.82 MHz can be achieved by using a fixed RF frequency of 2087.73 MHz.
Note 6: Lock time is defined as the time difference between the beginning of the frequency transition and the point at which the frequency remains within +/- 1 kHz
of the final frequency. tLOCK=tFINAL −tINITIAL.
Note 7: For frequencies other than the default values, the SPI_DEF bit should be set to 0 and registers R4 and R5 programmed appropriately. Refer to Section
2.2.5 for further details on how to program the SPI_DEF bit.
Note 8: For other reference oscillator frequencies, please contact National Semiconductor Corporation.
www.national.com
8


Similar Part No. - LMX2542

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541 TI-LMX2541 Datasheet
1Mb / 64P
[Old version datasheet]   Ultra Low-Noise Integrated VCO, External VCO Option (Internal VCO Bypassed)
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2541SQ2060E NSC-LMX2541SQ2060E Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2060E TI1-LMX2541SQ2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2542

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2522 TI1-LMX2522 Datasheet
853Kb / 26P
[Old version datasheet]   LMX2522/LMX2532 PLLatinum??Frequency Synthesizer System with Integrated VCOs
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com