Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM133B1R0MTRF Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NPIM133B1R0MTRF
Description  NPIM Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM133B1R0MTRF Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NPIM133B1R0MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM133B1R0MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM133B1R0MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM133B1R0MTRF Datasheet HTML 9Page - NIC-Components Corp. NPIM133B1R0MTRF Datasheet HTML 10Page - NIC-Components Corp. NPIM133B1R0MTRF Datasheet HTML 11Page - NIC-Components Corp. NPIM133B1R0MTRF Datasheet HTML 12Page - NIC-Components Corp. NPIM133B1R0MTRF Datasheet HTML 13Page - NIC-Components Corp. NPIM133B1R0MTRF Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 136B (13.45 x 12.6 x 5.8mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM136B120MTRF
12
23
7.0
10
100KHz
NPIM136B150MTRF
15
29
6.0
9.0
NPIM136B180MTRF
18
35
5.0
8.0
NPIM136B220MTRF
22
39.5
5.0
7.5
NPIM136B270MTRF
27
56
4.0
6.5
NPIM136B330MTRF
33
75
4.0
6.0
NPIM136B470MTRF
47
90
3.5
5.5
NPIM136B680MTRF
68
140
3.0
4.5
NPIM136B101MTRF
100
200
2.5
3.5
NPIM136B121MTRF
120
235
2.3
3.2
NPIM136B151MTRF
150
350
2.0
2.7
A
E
1
E
2
D
2
D
1
B
LAND PATTERN
G
H
F
Series
A
B
C
D
1
D
2
E
1
E
2
t
F
G
H
NPIM136B 13.45 ± 0.35
12.6 ± 0.2
5.8 ± 0.2 2.0 ± 0.5 2.5 ± 0.1
5.0 ±0.5
6.0 ± 0.2
0 ~ 0.15
8.0
14.5
5.5
NPIM136B CASE AND LAND PATTERN DIMENSIONS
C
t
Contact NIC for
NPIM136B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.


Similar Part No. - NPIM133B1R0MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM133B1R0MTRF NIC-NPIM133B1R0MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM133B1R0MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com