Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2430 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LMX2430
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LMX2430 Datasheet HTML 21Page - National Semiconductor (TI) LMX2430 Datasheet HTML 22Page - National Semiconductor (TI) LMX2430 Datasheet HTML 23Page - National Semiconductor (TI) LMX2430 Datasheet HTML 24Page - National Semiconductor (TI) LMX2430 Datasheet HTML 25Page - National Semiconductor (TI) LMX2430 Datasheet HTML 26Page - National Semiconductor (TI) LMX2430 Datasheet HTML 27Page - National Semiconductor (TI) LMX2430 Datasheet HTML 28Page - National Semiconductor (TI) LMX2430 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
LMX243x UTCSP FinIF Input Impedance Table
Vcc = EN = 2.50V, T
A = +25˚C
f
FinIF
(MHz)
|
Γ|
Angle (
Γ)
(
o)
Re {ZFinIF}
(
Ω)
Im {ZFinIF}
(
Ω)
|ZFinIF|
(
Ω)
100
0.87
-6.19
446.34
-341.41
561.94
200
0.86
-8.10
353.77
-328.44
482.73
300
0.85
-10.98
257.50
-300.77
395.94
400
0.84
-14.21
188.33
-268.39
327.87
500
0.83
-17.67
141.63
-235.88
275.13
600
0.83
-21.32
109.44
-206.86
234.03
700
0.82
-25.13
86.57
-182.41
201.91
800
0.81
-29.04
70.47
-161.46
176.17
900
0.80
-32.99
58.90
-144.27
155.83
1000
0.79
-36.73
50.96
-130.45
140.05
1100
0.79
-40.28
44.21
-120.14
128.02
1200
0.79
-44.11
37.38
-111.08
117.20
1300
0.79
-48.38
31.82
-101.96
106.81
1400
0.79
-52.91
27.95
-93.09
97.20
1500
0.78
-57.26
25.34
-85.47
89.15
1600
0.77
-61.56
23.28
-78.74
82.11
1700
0.77
-66.01
20.98
-72.74
75.71
1800
0.77
-71.39
18.40
-66.32
68.83
1900
0.77
-77.74
15.22
-59.40
61.32
2000
0.76
-84.72
15.02
-52.48
54.59
2100
0.73
-92.59
14.39
-46.17
48.36
2200
0.71
-100.18
14.07
-40.46
42.84
2300
0.69
-107.33
13.94
-35.79
38.41
2400
0.68
-114.48
13.37
-31.55
34.27
2500
0.68
-118.42
12.71
-28.62
31.32
www.national.com
25


Similar Part No. - LMX2430

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMX2430 TI1-LMX2430 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
LMX2430SLEX TI1-LMX2430SLEX Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
LMX2430SLEX/NOPB TI1-LMX2430SLEX/NOPB Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
LMX2430TM TI1-LMX2430TM Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
More results

Similar Description - LMX2430

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz