Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM104BR88MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIM104BR88MTRF
Description  NPIM Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM104BR88MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIM104BR88MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM104BR88MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM104BR88MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM104BR88MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM104BR88MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM104BR88MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM104BR88MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM104BR88MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM104BR88MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
Part Number
STANDARD VALUES - CASE SIZE 72B (7.05 X 6.6 X 1.6mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM72BR10MTRF
0.10
2.5
18
45
100KHz
NPIM72BR22MTRF
0.22
5.2
14
29
NPIM72BR33MTRF
0.33
6.8
12
22
NPIM72BR47MTRF
0.47
8.4
11
18
NPIM72BR68MTRF
0.68
12.7
9.0
17
NPIM72B1R0MTRF
1.0
17
7.0
14
NPIM72B1R5MTRF
1.5
26
6.5
12
NPIM72B2R0MTRF
2.0
32
6.0
13
NPIM72B2R2MTRF
2.2
35
6.0
13
NPIM72B3R3MTRF
3.3
60
3.5
10
NPIM72B4R7MTRF
4.7
70
3.5
5.0
NPIM72B6R8MTRF
6.8
110
2.8
3.5
NPIM72B8R2MTRF
8.2
135
2.5
3.0
NPIM72B100MTRF
10
155
2.3
2.5
NPIM72B150MTRF
15
250
1.8
2.2
Part Number
STANDARD VALUES - CASE SIZE 53B (4.85 X 4.7 X 2.8mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM53BR10MTRF
0.10
2.5
32
34
100KHz
NPIM53BR12MTRF
0.12
2.6
30
32
NPIM53BR20MTRF
0.20
3.9
21
14.5
NPIM53BR68MTRF
0.68
12
8.5
14
NPIM53B1R0MTRF
1.0
14
7
11
NPIM53B1R2MTRF
1.2
16
6.5
11
NPIM53B1R5MTRF
1.5
20
6.0
10
NPIM53B2R2MTRF
2.2
35
5.5
9.0
NPIM53B3R3MTRF
3.3
38
5.0
7.0
NPIM53B4R7MTRF
4.7
60
4.0
5.0
NPIM__B Series
NPIM Shielded Power Inductors
Contact NIC for
NPIM53B Performance Curves
Contact NIC for
NPIM72B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.


Similar Part No. - NPIM104BR88MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM104BR88MTRF NIC-NPIM104BR88MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM104BR88MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com