Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3134MNTXG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3134MNTXG
Description  4 A Integrated Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3134MNTXG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3134MNTXG Datasheet HTML 1Page - ON Semiconductor NCP3134MNTXG Datasheet HTML 2Page - ON Semiconductor NCP3134MNTXG Datasheet HTML 3Page - ON Semiconductor NCP3134MNTXG Datasheet HTML 4Page - ON Semiconductor NCP3134MNTXG Datasheet HTML 5Page - ON Semiconductor NCP3134MNTXG Datasheet HTML 6Page - ON Semiconductor NCP3134MNTXG Datasheet HTML 7Page - ON Semiconductor NCP3134MNTXG Datasheet HTML 8Page - ON Semiconductor NCP3134MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP3134
www.onsemi.com
3
Figure 2. NCP3134 Single Voltage Rail for VIN and VDD
13
14
12
11
10
15
16
2
1
8
567
4
3
9
VIN
VIN
SW SW SW
VDD
AGND
NC
EN
PS
PGND
PGND
COMP
FB
PGD
VBST
NCP3134
EN
Vin
PGD
Vout
C5
C6
C8
R6
R5
C4
L1
C7
C9
R7
C2
C3
R4
R3
C1
R1
R2
Vin = 2.9 V
X 5.5 V
Figure 3. NCP3134 Dual Voltage Rail for VIN and VDD
13
14
12
11
10
15
16
2
1
8
567
4
3
9
VIN
VIN
SW SW SW
VDD
AGND
NC
EN
PS
PGND
PGND
COMP
FB
PGD
VBST
NCP3134
EN
Vin
PGD
Vout
C5
C6
C8
R5
C4
L1
C7
C9
R7
C2
C3
R4
R3
C1
R1
R2
Vin = 2.9 V
X 5.5 V
VDD = 3.3 V


Similar Part No. - NCP3134MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
More results

Similar Description - NCP3134MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com