Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3134 Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCP3134
Description  4 A Integrated Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3134 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCP3134 Datasheet HTML 5Page - ON Semiconductor NCP3134 Datasheet HTML 6Page - ON Semiconductor NCP3134 Datasheet HTML 7Page - ON Semiconductor NCP3134 Datasheet HTML 8Page - ON Semiconductor NCP3134 Datasheet HTML 9Page - ON Semiconductor NCP3134 Datasheet HTML 10Page - ON Semiconductor NCP3134 Datasheet HTML 11Page - ON Semiconductor NCP3134 Datasheet HTML 12Page - ON Semiconductor NCP3134 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
NCP3134
www.onsemi.com
12
Layout Guidelines
When laying out a power PCB for the NCP3134 there are
several key points to consider.
Use four vias to connect the thermal pad to power ground.
Separate the power ground and analog ground planes;
connect them together at a single point.
Increase the thickness of PCB copper, it can help to lower
the die temperature and improve the overall efficiency but
meanwhile increase the cost of the board fabrication.
Use wide traces for the nodes conducting high current
such as VIN, VOUT, PGND and SW.
Place feedback and compensation network components
close to the IC.
Keep FB, COMP away from noisy signals such as SW,
BST.
Place VIN and VDD decoupling capacitors as close to the
IC as possible.
ORDERING INFORMATION
Device
Package
Shipping
NCP3134MNTXG
QFN16
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP3134

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
More results

Similar Description - NCP3134

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com