Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1054ST100T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1054ST100T3G
Description  Monolithic High Voltage Gated Oscillator Power Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1054ST100T3G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1054ST100T3G Datasheet HTML 1Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 2Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 3Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 4Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 5Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 6Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 7Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 8Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
www.onsemi.com
2
Figure 1. Typical Application
Startup & VCC
Regulator Circuit
VCC
Fault Detector
Power
Switch
Circuit
Oscillator &
Gating Logic
Control Input
Power Switch Circuit Output
3, 7−8
1
2
5
+
Snubber
+
+
+
Converter
DC Output
AC Line
Input
Ground
Pin Function Description
Pin
(SOT−223)
Pin
(PDIP−8)
Function
Description
1
1
VCC
This is the positive supply voltage input. During startup, power is supplied to this input
from Pin 5. When VCC reaches VCC(on), the Startup Circuit turns off and the output is
allowed to begin switching with 1.0 V hysteresis on the VCC pin. The capacitance con-
nected to this pin programs fault timing and frequency modulation rate.
2
2
Control Input
The Power Switch Circuit is turned off when a current greater than approximately 50 mA
is drawn out of or applied to this pin. A 10 V clamp is built onto the chip to protect the
device from ESD damage or overvoltage conditions.
4
3, 7, 8
Ground
This pin is the control circuit and Power Switch Circuit ground. It is part of the integrated
circuit lead frame.
4
No Connection
3
5
Power Switch
Drain
This pin is designed to directly drive the converter transformer primary, and internally
connects to Power Switch and Startup Circuit.


Similar Part No. - NCP1054ST100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1054ST100T3G ONSEMI-NCP1054ST100T3G Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
More results

Similar Description - NCP1054ST100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050 Datasheet
246Kb / 24P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
July, 2003 ??Rev. 7
NCP1050 ONSEMI-NCP1050_06 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
   Gated High Stability Crystal Oscillator
AXGX75 AXTAL-AXGX75 Datasheet
101Kb / 3P
   Gated High Stability Crystal Oscillator
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com