Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP663SQ28T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP663SQ28T1G
Description  Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP663SQ28T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP663SQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP663SQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP663SQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP663SQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP663SQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP663SQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP663SQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP663SQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP663SQ28T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP662, NCV662, NCP663, NCV663
http://onsemi.com
2
Figure 1. NCP662/NCV662 Typical Application
Diagram
This device contains 28 active transistors
Output
C2
+
Input
GND Enable
Vin
Vout
+
C1
OFF
ON
Figure 2. NCP663/NCV663 Typical Application
Diagram
This device contains 28 active transistors
Output
C2
+
Input
GND
N/C
Vin
Vout
+
C1
PIN FUNCTION DESCRIPTION
NCP662/
NCV662
NCP663/
NCV663
Pin Name
Description
1
1
GND
Power supply ground.
2
2
Vin
Positive power supply input voltage.
3
3
Vout
Regulated output voltage.
4
Enable
This input is used to place the device into low−power standby. When this input is pulled low, the
device is disabled. If this function is not used, Enable should be connected to Vin.
4
N/C
No internal connection.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
6.0
V
Enable Voltage (NCP662/NCV662 ONLY)
Enable
−0.3 to Vin +0.3
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Power Dissipation and Thermal Characteristics
Power Dissipation
Thermal Resistance, Junction to Ambient
PD
RqJA
Internally Limited
330
W
C/W
Operating Junction Temperature
TJ
+150
C
Operating Ambient Temperature
NCP662/NCP663
NCV662/NCV663
TA
−40 to +85
−40 to +125
C
Storage Temperature
Tstg
−55 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015
Machine Model Method 200 V
2. Latch up capability (85C) "100 mA DC with trigger voltage.


Similar Part No. - NCP663SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP663SQ28T1G ONSEMI-NCP663SQ28T1G Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
More results

Similar Description - NCP663SQ28T1G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com