Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96177 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96177
Description  RS-485/RS-422 Differential Bus Repeater
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96177 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  DS96177 Datasheet HTML 1Page - National Semiconductor (TI) DS96177 Datasheet HTML 2Page - National Semiconductor (TI) DS96177 Datasheet HTML 3Page - National Semiconductor (TI) DS96177 Datasheet HTML 4Page - National Semiconductor (TI) DS96177 Datasheet HTML 5Page - National Semiconductor (TI) DS96177 Datasheet HTML 6Page - National Semiconductor (TI) DS96177 Datasheet HTML 7Page - National Semiconductor (TI) DS96177 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DE-
VICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL SEMI-
CONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or sys-
tems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose fail-
ure to perform when properly used in accordance
with instructions for use provided in the labeling, can
be reasonably expected to result in a significant injury
to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
www.national.com
National Semiconductor
Europe
Fax: +49 (0) 1 80-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 1 80-530 85 85
English
Tel: +49 (0) 1 80-532 78 32
Français Tel: +49 (0) 1 80-532 93 58
Italiano
Tel: +49 (0) 1 80-534 16 80
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: sea.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
Molded Dual-In-Line Package (N)
Order Number DS96177CN
NS Package Number N08E
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - DS96177

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
   RS-485/RS-422 Quad Differential Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172 Datasheet
770Kb / 13P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Drivers
logo
National Semiconductor ...
DS96172CN NSC-DS96172CN Datasheet
209Kb / 6P
   RS-485/RS-422 Quad Differential Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Drivers
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
More results

Similar Description - DS96177

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
   RS-422/485 Repeater
ADAM-4510 ADVANTECH-ADAM-4510_V01 Datasheet
486Kb / 1P
   RS-422/485 Repeater
26-Mar-2021
BB-485OPDR ADVANTECH-BB-485OPDR Datasheet
283Kb / 1P
   RS-422/485 Repeater, Industrial
27-Nov-2019
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
logo
National Semiconductor ...
LMS485 NSC-LMS485 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus
logo
ORing Industrial Networ...
ISC-1212-I ORING-ISC-1212-I Datasheet
1,014Kb / 3P
   Industrial RS-422/485 repeater
logo
National Semiconductor ...
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com