Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1081 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1081
Description  Integrated High Power PoE-PD Interface & DC-DC Converter Contr
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1081 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1081_13 Datasheet HTML 1Page - ON Semiconductor NCP1081_13 Datasheet HTML 2Page - ON Semiconductor NCP1081_13 Datasheet HTML 3Page - ON Semiconductor NCP1081_13 Datasheet HTML 4Page - ON Semiconductor NCP1081_13 Datasheet HTML 5Page - ON Semiconductor NCP1081_13 Datasheet HTML 6Page - ON Semiconductor NCP1081_13 Datasheet HTML 7Page - ON Semiconductor NCP1081_13 Datasheet HTML 8Page - ON Semiconductor NCP1081_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP1081
http://onsemi.com
4
SIMPLIFIED APPLICATION DIAGRAMS
Figure 4. Non−Isolated Fly−back with Extra Winding
Cpd
NCP1081
GATE
RTN
FB
VPORTN2
VDDH
VDDL
Rcs
Cvddh
C1comp
C2comp
Rcomp
Css
M1
R4
VPORTN1
CLASS
ARTN
ILIM1
INRUSH
TEST1
TEST2
Rclass
Rilim1
Rinrush
R1
R2
UVLO
CS
VPORTP
Rslope
D1
D2
T1
R5
Voutput
Spare
Pairs
RJ−45
DB1
DB2
LD1
Rd1
Cvddl
nCLASS_AT
R3
Cload
Rosc
Data
Pairs
Figure 4 shows the same non−isolated fly−back configuration as Figure 3, but adds a 12 V auxiliary bias winding on the
transformer to provide power to the NCP1081 DC−DC controller via its VDDH pin. This topology shuts off the current flowing
from VPORTP to VDDH and therefore reduces the internal power dissipation of the PD, resulting in higher overall power
efficiency.
Figure 5. Non−Isolated Forward Converter
Cpd
NCP1081
GATE
RTN
FB
VPORTN2
VDDH
VDDL
Rcs
Cvddh
C1comp
C2comp
Rcomp
Css
M1
Cload
R3
R4
VPORTN1
CLASS
ARTN
ILIM1
INRUSH
TEST1
TEST2
Rclass
Rilim1
Rinrush
R1
R2
UVLO
CS
VPORTP
L1
Rslope
Voutput
T1
D1
D2
D3
Spare
Pairs
RJ−45
DB1
DB2
LD1
Rd1
Cvddl
nCLASS_AT
Data
Pairs
Rosc
Figure 5 shows the NCP1081 used in a non−isolated forward topology.
High Power Considerations
The NCP1081 is designed to implement various
configurations of high−power PoE systems including those
based on the IEEE802.3at standard. High power operation
can be enabled by a Dual Event Layer 1 classification or a
Single Event Layer 1 classification combined with a Layer 2
high power classification. The NCP1081 also supports
proprietary designs capable of delivering 25 W to 40 W to
the load in two−pair configurations. A separate application
note describes these implementations (AND8332).


Similar Part No. - NCP1081_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1081DEG ONSEMI-NCP1081DEG Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1081DER2G ONSEMI-NCP1081DER2G Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
More results

Similar Description - NCP1081_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
   Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1083 ONSEMI-NCP1083 Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
logo
Murata Manufacturing Co...
MYBSP01206AZFT MURATA1-MYBSP01206AZFT Datasheet
12Mb / 13P
   Isolated DC-DC converter for PoE PD
2018
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082 Datasheet
201Kb / 16P
   Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
logo
Bourns Electronic Solut...
POE-EP BOURNS-POE-EP Datasheet
1,007Kb / 8P
   POE-EP & POE-PD Series - PoE DC/DC Transformers
Mar 31, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com