Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCP1081 Datasheet(PDF) 14 Page - ON Semiconductor

Part No. NCP1081
Description  Integrated High Power PoE-PD Interface & DC-DC Converter Contr
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1081 Datasheet(HTML) 14 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
NCP1081
http://onsemi.com
14
ILIM1 /
INRUSH
VDDA1
Vbg1
VDDA1
VPORTNx
Ilim_ref
NCP1081
Figure 11. Current Limitation Configuration (Inrush & Ilim1 Pins)
Ilim1
Vds_pgood
threshold
VPORTNx
Pass Switch
Inrush
I_pass_switch
NCP1081
RTN
VDS_PGOOD
0
1
VDDA1
VDDA1
1 V / 9.2 V
2 V
Current_limit_ON
&
detector
Figure 12. Inrush and Ilim1 Selection Mechanism
VDDA1
When VPORT reaches the UVLO_on level, the Cpd
capacitor is charged with the INRUSH current (in order to
limit the internal power dissipation of the pass−switch).
Once the Cpd capacitor is fully charged, the current limit
switches from the inrush current to the current limit level
(ilim1) as shown in Figure 12. This transition occurs when
both following conditions are satisfied:
1. The VDS of the pass−switch is below the
Vds_pgood low level (1 V typical).
2. The pass−switch is no longer in current limit
mode, meaning the gate of the pass−switch is
“high” (above 2 V typical).
The operational current limit will stay selected as long as
Vds_pgood is true (meaning that RTN−VPORTN1,2 is
below the high level of Vds_pgood). This mechanism allows
a current level transition without any current spike in the
pass−switch because the operational current limit (ilim1) is
enabled once the pass−switch is not limiting the current
anymore, meaning that the Cpd capacitor is fully charged.
Thermal Shutdown
The NCP1081 includes thermal protection which shuts
down the device in case of high power dissipation. Once the
thermal shutdown (TSD) threshold is exceeded, following
blocks are turned off:
DC−DC controller
Pass−switch
VDDH and VDDL regulators
CLASS regulator
When the TSD error disappears and if the input line
voltage is still above the UVLO level, the NCP1081
automatically restarts with the current limit set in the inrush
state, the DC−DC controller is disabled and the Css
(soft−start capacitor) discharged. The DC−DC controller
becomes operational as soon as capacitor Cpd is fully
charged.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn