Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1081 Datasheet(PDF) 12 Page - ON Semiconductor

Part No. NCP1081
Description  Integrated High Power PoE-PD Interface & DC-DC Converter Contr
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1081 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCP1081_13 Datasheet HTML 8Page - ON Semiconductor NCP1081_13 Datasheet HTML 9Page - ON Semiconductor NCP1081_13 Datasheet HTML 10Page - ON Semiconductor NCP1081_13 Datasheet HTML 11Page - ON Semiconductor NCP1081_13 Datasheet HTML 12Page - ON Semiconductor NCP1081_13 Datasheet HTML 13Page - ON Semiconductor NCP1081_13 Datasheet HTML 14Page - ON Semiconductor NCP1081_13 Datasheet HTML 15Page - ON Semiconductor NCP1081_13 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
NCP1081
http://onsemi.com
12
Figure 7. Hardware Physical Classification Event Sequence
1st Class Event
Class range
Mark Range
Reset Range
2 Fingers Classification with
0 V
5.4 V
9.5 V
13 V
20.5 V
UVLO_on
Power On
Detection
PSE identified as type 2 PSE (at)
PSE Type identification:
Number of Mark Event:
0
1
2
X
Operation Mode:
Mark Events (.at spec)
1st Mark Event 2nd Class Event
2nd Mark Event
PSE identified by default as type 1 PSE (af)
nCLASS_AT Indicator
The nCLASS_AT active low open drain output pin can be
used to notify to the microprocessor of the powered device
that the PSE performed a one or two event hardware
classification. If a two event hardware classification has
occured and once the PD application is supplied power by
the NCP1081 DC-DC converter, the nCLASS_AT pin will
be pulled down to ARTN by the internal low voltage NMOS
switch (ARTN is the ground connection of the DC-DC
converter). Otherwise, nCLASS_AT will be disabled and
will be pulled up to VDDL (3.3 V typ) via an internal current
source (20
mA typ) and via the external pull-up resistor.
The following scheme illustrates how the nCLASS_AT
pin may be configured with the processor of the powered
device. An opto-coupler is used to guarantee full isolation
between the Ethernet cable and the application.
Figure 8. Isolated nClass_AT Communication with the Powered Device Application
ARTN
NCP1081
nCLASS_AT
Class_AT
VDDL
VDDL
Csup
Powered Device Application
Rled
Opto 1
Rbip
Isolation
VSUP
Microprocessor
Microcontroller
IN1
IN2
GND
Layer 2
Engine
Features
(Isolated DC/DC converter)
or
20 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn