Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1081 Datasheet(PDF) 10 Page - ON Semiconductor

Part No. NCP1081
Description  Integrated High Power PoE-PD Interface & DC-DC Converter Contr
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1081 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1081_13 Datasheet HTML 6Page - ON Semiconductor NCP1081_13 Datasheet HTML 7Page - ON Semiconductor NCP1081_13 Datasheet HTML 8Page - ON Semiconductor NCP1081_13 Datasheet HTML 9Page - ON Semiconductor NCP1081_13 Datasheet HTML 10Page - ON Semiconductor NCP1081_13 Datasheet HTML 11Page - ON Semiconductor NCP1081_13 Datasheet HTML 12Page - ON Semiconductor NCP1081_13 Datasheet HTML 13Page - ON Semiconductor NCP1081_13 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP1081
http://onsemi.com
10
Table 3. OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
CURRENT CONSUMPTION
IvportP1
VPORTP internal current consumption
(Note 12)
2.5
3.5
mA
DC−DC controller off
IvportP2
VPORTP internal current consumption
(Note 13)
4.7
6.5
mA
DC−DC controller on
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
150
°C Tj
Tj = junction temperature
Thyst
Thermal hysteresis
15
°C Tj
Tj = junction temperature
THERMAL RATINGS
Ta
Ambient temperature
−40
85
°C
Tj
Junction temperature
125
150
°C
°C
Parametric values guaranteed
Max 1000 hours
12.Conditions
a. No current through the pass−switch
b. DC−DC controller inactive (SS shorted to RTN)
c. No external load on VDDH and VDDL
d. VPORTP = 57 V
13.Conditions
a. No current through the pass−switch
b. Oscillator frequency = 100 kHz
c. No external load on VDDH and VDDL
d. Aux winding not used
e. 2 nF on GATE, DC−DC controller enabled
f. VPORTP = 57 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn