Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP662SQ28T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP662SQ28T1G
Description  Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP662SQ28T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP662SQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP662SQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP662SQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP662SQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP662SQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP662SQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP662SQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP662SQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP662SQ28T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 3
1
Publication Order Number:
NCP662/D
NCP662, NCV662, NCP663,
NCV663
100 mA CMOS Low Iq
Low-Dropout Voltage
Regulator
This series of fixed output low−dropout linear regulators are
designed for handheld communication equipment and portable battery
powered applications which require low quiescent current. This series
features an ultra−low quiescent current of 2.5
mA. Each device
contains a voltage reference unit, an error amplifier, a PMOS power
transistor, resistors for setting output voltage, current limit, and
temperature limit protection circuits. The NCP662/NCV662 series
provides an enable pin for ON/OFF control.
This series has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 0.1
mF. The
device is housed in the micro−miniature SC82−AB surface mount
package. Standard voltage versions are 1.5, 1.8, 2.5, 2.7, 2.8, 3.0, 3.3,
and 5.0 V.
Features
Low Quiescent Current of 2.5 mA Typical
Low Output Voltage Option
Output Voltage Accuracy of 2.0%
Temperature Range for NCV662/NCV663 −40C to 125C
Temperature Range for NCP662/NCP663 −40C to 85C
NCP662/NCV662 Provides as Enable Pin
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
Pb−Free Packages are Available
Typical Applications
Battery Powered Instruments
Hand−Held Instruments
Camcorders and Cameras
Automotive Infotainment
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
SC−82AB
CASE 419C
PIN CONNECTIONS &
MARKING DIAGRAMS
GND
(NCP662/NCV662 Top View)
1
2
4
3
Vin
Enable
Vout
GND 1
2
4
3
Vin
N/C
Vout
(NCP663/NCV663 Top View)
http://onsemi.com
xxx
= Specific Device Code
M
= Month Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - NCP662SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP662SQ28T1G ONSEMI-NCP662SQ28T1G Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
More results

Similar Description - NCP662SQ28T1G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com