Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM58P8R2MTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIM58P8R2MTRF
Description  NPIM Shielded Power Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM58P8R2MTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIM58P8R2MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM58P8R2MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM58P8R2MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM58P8R2MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM58P8R2MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM58P8R2MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM58P8R2MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM58P8R2MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM58P8R2MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE Size 41P (4.45 x 4.06 x 1.0)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM41PR10YTRF
0.10 ± 30%
4.3
5.5
11.5
25
100KHz
NPIM41PR22MTRF
0.22 ± 20%
6.6
8.0
8.5
20
NPIM41PR47MTRF
0.47 ± 20%
18
20
6.0
6.5
NPIM41P1R0MTRF
1.00 ± 20%
41
47
4.0
6.0
NPIM41P1R5MTRF
1.50 ± 20%
55
63.3
3.0
4.0
NPIM41P2R2MTRF
2.20 ± 20%
69.2
80
2.8
3.5
NPIM41P3R3MTRF
3.30 ± 20%
84
97
2.3
3.0
NPIM41P4R7MTRF
4.70 ± 20%
128
145
2.0
2.5
NPIM41P5R6MTRF
5.60 ± 20%
180
208
1.7
2.3
NPIM41P6R8MTRF
6.80 ± 20%
300
360
1.5
1.7
NPIM41P8R2MTRF
8.20 ± 20%
313
376
1.4
1.6
NPIM41P100MTRF
10.0 ± 20%
410
463
1.3
1.4
Part Number
STANDARD VALUES - CASE Size 42P (4.45 x 4.06 x 1.8)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM42PR10YTRF
0.10 ± 30%
3.2
4.0
12
35
100KHz
NPIM42PR22YTRF
0.22 ± 30%
6.6
7.3
13
24
NPIM42PR33MTRF
0.33 ± 20%
7.8
8.6
10
18
NPIM42PR47MTRF
0.47 ± 20%
11.2
14
8.0
12
NPIM42PR56MTRF
0.56 ± 20%
13.5
16
7.3
10
NPIM42PR68MTRF
0.68 ± 20%
16
19
7.0
10
NPIM42P1R0MTRF
1.00 ± 20%
22
27
5.0
8.5
NPIM42P1R2MTRF
1.20 ± 20%
25
30
4.8
7.8
NPIM42P1R5MTRF
1.50 ± 20%
34.8
42
4.5
7.0
NPIM42P2R2MTRF
2.20 ± 20%
51
61
4.0
6.0
NPIM42P3R3MTRF
3.30 ± 20%
69
76
3.5
4.0
NPIM42P4R7MTRF
4.70 ± 20%
95
105
2.6
3.5
NPIM42P5R6MTRF
5.60 ± 20%
112
125
2.2
3.0
NPIM42P6R8MTRF
6.80 ± 20%
150
172
2.1
2.8
NPIM42P8R2MTRF
8.20 ± 20%
158
180
2.0
2.5
NPIM42P100MTRF
10.0 ± 20%
215
243
1.8
2.3
NPIM42P150MTRF
15.0 ± 20%
325
374
1.5
1.9
NPIM42P Size
NPIM41P Size
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Contact NIC for
NPIM_P Performance Curves


Similar Part No. - NPIM58P8R2MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM58P8R2MTRF NIC-NPIM58P8R2MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM58P8R2MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com