Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM51P4R7MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIM51P4R7MTRF
Description  NPIM Shielded Power Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM51P4R7MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIM51P4R7MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM51P4R7MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM51P4R7MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM51P4R7MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM51P4R7MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM51P4R7MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM51P4R7MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM51P4R7MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM51P4R7MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
NPIM 73 P R47 M TR F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (μH): 1st two digits are
significant, 3rd digit is multiplier.
Series Code
Size Code (see table for details)
Metal Composite Power Inductor
PART NUMBER SYSTEM
REFLOW SOLDERING PROFILE
REFLOW TIMES: 3X MAX.
480s max.
PRE-HEATING
SOLDERING
NATURAL
COOLING
260°C / 40s max.
20~40s
60~150s
60~180s
TIME( sec.)
217
200
150
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Part Number
STANDARD VALUES - CASE SIZE Size 31P (3.5 x 3.2 x 1)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM31PR47MTRF
0.47 ± 20%
25
30
5.0
7.2
100KHz
NPIM31P1R0MTRF
1.00 ± 20%
50
60
3.3
5.5
NPIM31P Size
Contact NIC for
NPIM_P Performance Curves


Similar Part No. - NPIM51P4R7MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM51B NIC-NPIM51B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM51B2R2MTRF NIC-NPIM51B2R2MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM51B2R2MTRF NIC-NPIM51B2R2MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM51B3R3MTRF NIC-NPIM51B3R3MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM51B3R3MTRF NIC-NPIM51B3R3MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM51P4R7MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com