Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM42PA100MTRQYF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIM42PA100MTRQYF
Description  NPIM Shielded Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM42PA100MTRQYF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIM42PA100MTRQYF Datasheet HTML 1Page - NIC-Components Corp. NPIM42PA100MTRQYF Datasheet HTML 2Page - NIC-Components Corp. NPIM42PA100MTRQYF Datasheet HTML 3Page - NIC-Components Corp. NPIM42PA100MTRQYF Datasheet HTML 4Page - NIC-Components Corp. NPIM42PA100MTRQYF Datasheet HTML 5Page - NIC-Components Corp. NPIM42PA100MTRQYF Datasheet HTML 6Page - NIC-Components Corp. NPIM42PA100MTRQYF Datasheet HTML 7Page - NIC-Components Corp. NPIM42PA100MTRQYF Datasheet HTML 8Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIM_PA Series
NPIM Shielded Power Inductors
FEATURES
• SHIELDED POWER INDUCTOR
• MOLDED METAL COMPOSITE CONSTRUCTION
• HIGH SATURATION CURRENT CHARACTERISTICS (~ 118A)
• LOW PROFILE (1.2mm ~ 4.7mm)
• MEETS THE REQUIREMENTS OF AEC-Q200
Case Code
32
42
74
104
145
146
Inductance Range (μH)
0.1 ~ 10
0.1 ~ 22
0.1 ~ 47
0.15 ~ 68
1.0 ~ 220
0.15 ~ 47
Ambient Operating Temperature Range
-55°C ~ +125°C
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise at Irms
+40°C
Inductance Change at Isat
-20%
Inductance Tolerance
See Specifications Tables
Resistance to Solder Heat
260°C ±5°C for 10 seconds
Series
A
B
C
D
E
F
G
H
NPIM32PA
3.50±0.20
3.20±0.20
1.80±0.20
0.70±0.20
1.20±0.20
4.10
1.90
1.45
NPIM42PA
4.45±0.25
4.06±0.25
1.80±0.20
0.76±0.30
2.00±0.20
5.20
2.20
2.40
NPIM74PA
7.30±0.30
6.60±0.30
2.80±0.20
1.80±0.30
3.00±0.30
8.40
2.50
3.50
NPIM104PA
11.00±0.50
10.00±0.30 3.80±0.20
2.30±0.30
3.00±0.30
13.60
5.40
3.50
NPIM145PA
13.50±0.50
12.50±0.30 5.70±0.30
2.30±0.30
4.70±0.30
14.20
8.00
5.00
NPIM146PA
13.50±0.50
12.50±0.30 6.20±0.30
2.30±0.30
4.70±0.30
14.20
8.00
5.00
CHARACTERISTICS
DIMENSIONS (mm)
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
C
A
D
R22
F
H
G
PART NUMBER SYSTEM
NPIM -- PA4R7 M TR
F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (μH): 1st two digits are significant,
3rd digit is multiplier for values from 10μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
"QY" denotes suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
QY


Similar Part No. - NPIM42PA100MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM42P NIC-NPIM42P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM42P100MTRF NIC-NPIM42P100MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM42P100MTRF NIC-NPIM42P100MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM42P150MTRF NIC-NPIM42P150MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM42P150MTRF NIC-NPIM42P150MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM42PA100MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com