Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM32PA5R6MTRQYF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIM32PA5R6MTRQYF
Description  NPIM Shielded Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM32PA5R6MTRQYF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIM32PA5R6MTRQYF Datasheet HTML 1Page - NIC-Components Corp. NPIM32PA5R6MTRQYF Datasheet HTML 2Page - NIC-Components Corp. NPIM32PA5R6MTRQYF Datasheet HTML 3Page - NIC-Components Corp. NPIM32PA5R6MTRQYF Datasheet HTML 4Page - NIC-Components Corp. NPIM32PA5R6MTRQYF Datasheet HTML 5Page - NIC-Components Corp. NPIM32PA5R6MTRQYF Datasheet HTML 6Page - NIC-Components Corp. NPIM32PA5R6MTRQYF Datasheet HTML 7Page - NIC-Components Corp. NPIM32PA5R6MTRQYF Datasheet HTML 8Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
Part Number
STANDARD VALUES - CASE SIZE 74PA ( 7.3 X 6.6 X 2.8mm)
Inductance Value
(μH)
Tolerance
DC Resistance
(mΩ)
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test
Frequency
NPIM74PAR10YTRQYF
0.10
±30%
1.7
60.0
32.5
100KHz/1.0V
NPIM74PAR15YTRQYF
0.15
±30%
1.9
45.0
27.0
100KHz/1.0V
NPIM74PAR16YTRQYF
0.16
±30%
1.9
45.0
27.0
100KHz/1.0V
NPIM74PAR20YTRQYF
0.20
±30%
2.5
41.0
24.0
100KHz/1.0V
NPIM74PAR22YTRQYF
0.22
±30%
2.8
40.0
23.0
100KHz/1.0V
NPIM74PAR33MTRQYF
0.33
±20%
3.9
32.0
20.0
100KHz/1.0V
NPIM74PAR36MTRQYF
0.36
±20%
4.2
32.0
19.0
100KHz/1.0V
NPIM74PAR47MTRQYF
0.47
±20%
4.2
26.0
17.5
100KHz/1.0V
NPIM74PAR56MTRQYF
0.56
±20%
5.0
25.5
16.5
100KHz/1.0V
NPIM74PAR60MTRQYF
0.60
±20%
5.2
25.5
16.0
100KHz/1.0V
NPIM74PAR68MTRQYF
0.68
±20%
5.5
25.0
15.5
100KHz/1.0V
NPIM74PAR75MTRQYF
0.75
±20%
6.6
24.5
14.5
100KHz/1.0V
NPIM74PAR82MTRQYF
0.82
±20%
8.0
24.0
13.0
100KHz/1.0V
NPIM74PA1R0MTRQYF
1.0
±20%
10.0
22.0
11.0
100KHz/1.0V
NPIM74PA1R2MTRQYF
1.2
±20%
12.0
20.0
10.0
100KHz/1.0V
NPIM74PA1R5MTRQYF
1.5
±20%
15.0
18.0
9.0
100KHz/1.0V
NPIM74PA1R8MTRQYF
1.8
±20%
17.0
16.0
8.5
100KHz/1.0V
NPIM74PA2R0MTRQYF
2.0
±20%
19.0
15.0
8.2
100KHz/1.0V
NPIM74PA2R2MTRQYF
2.2
±20%
20.0
14.0
8.0
100KHz/1.0V
NPIM74PA2R5MTRQYF
2.5
±20%
22.0
13.0
7.0
100KHz/1.0V
NPIM74PA3R3MTRQYF
3.3
±20%
30.0
13.5
6.0
100KHz/1.0V
NPIM74PA4R7MTRQYF
4.7
±20%
40.0
10.0
5.5
100KHz/1.0V
NPIM74PA5R6MTRQYF
5.6
±20%
48.0
9.0
5.0
100KHz/1.0V
NPIM74PA6R8MTRQYF
6.8
±20%
60.0
8.0
4.5
100KHz/1.0V
NPIM74PA8R2MTRQYF
8.2
±20%
68.0
7.5
4.0
100KHz/1.0V
NPIM74PA100MTRQYF
10
±20%
85.0
6.0
3.5
100KHz/1.0V
NPIM74PA220MTRQYF
22
±20%
190.0
3.5
2.0
100KHz/1.0V
NPIM74PA470MTRQYF
47
±20%
363.0
2.0
1.75
100KHz/1.0V
NPIM_PA Series
NPIM Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Approximate -30% inductance change at Isat.


Similar Part No. - NPIM32PA5R6MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM32L NIC-NPIM32L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM32L100MTRF NIC-NPIM32L100MTRF Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM32L1R0MTRF NIC-NPIM32L1R0MTRF Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM32L1R5MTRF NIC-NPIM32L1R5MTRF Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM32L2R2MTRF NIC-NPIM32L2R2MTRF Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM32PA5R6MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com