Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIF125C Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIF125C
Description  NPIF Flat Wire Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIF125C Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIF125C Datasheet HTML 1Page - NIC-Components Corp. NPIF125C Datasheet HTML 2Page - NIC-Components Corp. NPIF125C Datasheet HTML 3Page - NIC-Components Corp. NPIF125C Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIF__C Series
NPIF Flat Wire Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 125 (12.9 x 12.9 x 5.7mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPIF125CR35YUTRF
0.35 ± 30%
1.8
18.5
100KHz
NPIF125CR80YUTRF
0.80 ± 30%
2.5
16.5
NPIF125C1R0MHTRF
1.0 ± 20%
2.5
16.5
NPIF125C1R4MUTRF
1.4 ± 20%
3.4
15.5
NPIF125C1R5MTRF
1.5 ± 20%
2.5
14.0
NPIF125C1R8MHTRF
1.8 ± 20%
3.4
15.3
NPIF125C2R2MUTRF
2.2 ± 20%
5.4
12.5
NPIF125C2R5MTRF
2.5 ± 20%
3.4
10.0
NPIF125C2R8MHTRF
2.8 ± 20%
5.4
12.3
NPIF125C3R2MUTRF
3.2 ± 20%
8.0
9.9
NPIF125C4R0MTRF
4.0 ± 20%
8.0
8.3
NPIF125C4R0MHTRF
4.0 ± 20%
8.0
9.9
NPIF125C4R3MUTRF
4.3 ± 20%
11.4
8.2
NPIF125C5R6MHTRF
5.6 ± 20%
11.4
8.2
NPIF125C5R6MUTRF
5.6 ± 20%
13.5
7.6
NPIF125C6R0MTRF
6.0 ± 20%
8.0
6.7
NPIF125C7R2MHTRF
7.2 ± 20%
13.5
7.6
NPIF125C8R2MTRF
8.2 ± 20%
11.4
5.8
NPIF125C100MTRF
10 ± 20%
13.5
5.0
Part Number
STANDARD VALUES - CASE SIZE 134 (13.9 x 13.9 x 5.0mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPIF134CR30YHTRF
0.30 ± 30%
1.9
18.5
100KHz
NPIF134CR40YTRF
0.40 ± 30%
1.9
18.5
NPIF134CR66MHTRF
0.66 ± 20%
2.5
17.0
NPIF134CR90MTRF
0.90 ± 20%
2.5
17.0
NPIF134C1R2MHTRF
1.2 ± 20%
3.7
15.0
NPIF134C1R6MTRF
1.6 ± 20%
3.7
15.0
NPIF134C1R8MHTRF
1.8 ± 20%
6.6
10.5
NPIF134C2R5MTRF
2.5 ± 20%
6.6
10.5
NPIF134C2R7MHTRF
2.7 ± 20%
10.8
8.0
NPIF134C3R6MTRF
3.6 ± 20%
10.8
8.0
NPIF134C3R6MHTRF
3.6 ± 20%
12.0
7.5
NPIF134C4R8MTRF
4.8 ± 20%
12.0
7.5
NPIF134C4R8MHTRF
4.8 ± 20%
16.3
7.0
NPIF134C6R0MHTRF
6.0 ± 20%
18.4
6.5
NPIF134C6R4MTRF
6.4 ± 20%
16.3
7.0
NPIF134C8R0MTRF
8.0 ± 20%
18.4
6.5
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.


Similar Part No. - NPIF125C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIF125C100MTRF NIC-NPIF125C100MTRF Datasheet
170Kb / 4P
   NPIF Flat Wire Power Inductors
NPIF125C1R0MHTRF NIC-NPIF125C1R0MHTRF Datasheet
170Kb / 4P
   NPIF Flat Wire Power Inductors
NPIF125C1R4MUTRF NIC-NPIF125C1R4MUTRF Datasheet
170Kb / 4P
   NPIF Flat Wire Power Inductors
NPIF125C1R5MTRF NIC-NPIF125C1R5MTRF Datasheet
170Kb / 4P
   NPIF Flat Wire Power Inductors
NPIF125C1R8MHTRF NIC-NPIF125C1R8MHTRF Datasheet
170Kb / 4P
   NPIF Flat Wire Power Inductors
More results

Similar Description - NPIF125C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIF-C NIC-NPIF-C Datasheet
170Kb / 4P
   NPIF Flat Wire Power Inductors
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
   Flat Wire Power Inductor
A9860-B COILCRAFT-A9860-B_15 Datasheet
394Kb / 2P
   Flat Wire Power Inductor
A9860-B COILCRAFT-A9860-B Datasheet
76Kb / 2P
   Flat Wire Power Inductor
logo
XFMRS Inc.
XFPQ2013-4R7M XFMRS-XFPQ2013-4R7M Datasheet
38Kb / 1P
   Flat Wire Power Inductor
logo
Murata Manufacturing Co...
KMP_3500 MURATA-KMP_3500 Datasheet
123Kb / 3P
   Flat Coil SM Power Inductors
logo
Pulse A Technitrol Comp...
PG0426NL PULSE-PG0426NL Datasheet
88Kb / 2P
   SMT POWER INDUCTORS Flat Coils
logo
Murata Manufacturing Co...
KMP_3600 MURATA-KMP_3600 Datasheet
123Kb / 3P
   Flat Coil SM Power Inductors
logo
Allied Components Inter...
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
   Shielded Flat Wire Power Inductor
PCSFW189 ALLIED-PCSFW189 Datasheet
1Mb / 1P
   Shielded Power Choke Flat Wire
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com