Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM105A100MTRQYF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPIM105A100MTRQYF
Description  NPIM Shielded Power Inductors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM105A100MTRQYF Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NPIM105A100MTRQYF Datasheet HTML 3Page - NIC-Components Corp. NPIM105A100MTRQYF Datasheet HTML 4Page - NIC-Components Corp. NPIM105A100MTRQYF Datasheet HTML 5Page - NIC-Components Corp. NPIM105A100MTRQYF Datasheet HTML 6Page - NIC-Components Corp. NPIM105A100MTRQYF Datasheet HTML 7Page - NIC-Components Corp. NPIM105A100MTRQYF Datasheet HTML 8Page - NIC-Components Corp. NPIM105A100MTRQYF Datasheet HTML 9Page - NIC-Components Corp. NPIM105A100MTRQYF Datasheet HTML 10Page - NIC-Components Corp. NPIM105A100MTRQYF Datasheet HTML 11Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
Part Number
STANDARD VALUES - CASE SIZE 85A ( 8.5 x 8.0 x 5.4mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current Irms (Amps)1
DC Current
Isat (Amps)2
Test
Frequency
Condition A Condition B
NPIM85A2R5MTRQYF
2.5
8.4
11.9
14.0
20.1
100KHz,
1Vrms
NPIM85A100MTRQYF
10
37
5.7
6.7
13.0
NPIM85A220MTRQYF
22
70
4.1
4.8
6.9
NPIM85A470MTRQYF
48
138
2.9
3.4
5.4
PWB condition A
PWB condition B
PWB condition A
PWB condition B
IDC (Amps)
NPIM85A470MTRQYF
IDC (Amps)
NPIM85A470MTRQYF
IDC (Amps)
NPIM85A100MTRQYF
IDC (Amps)
NPIM85A100MTRQYF
Note 1 - DC Current (Irms) is current which causes a maximum temperature rise of 40°C:
Condition A = 4-layer PWB (1.6t, FR4)
Condition B = PWB with high dissipation performance, heat radiation constant is approximately 27K/W measured for
8.5mm x 8.0mm x 5.4mm case size.
Note 2 - DC Current (Isat) is current which causes a decrease in inductance of 30%.
Note 3 - Highest operating temperature should be within +150°C including temperature rise due to self-heating.
NPIM__A Series
NPIM Shielded Power Inductors
Inductance vs. DC Current
Temperature vs. DC Current
Inductance vs. DC Current
Temperature vs. DC Current


Similar Part No. - NPIM105A100MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM105A100MTRQYF NIC-NPIM105A100MTRQYF Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM105A100MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com