Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM85A100MTRQYF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NPIM85A100MTRQYF
Description  NPIM Shielded Power Inductors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM85A100MTRQYF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NPIM85A100MTRQYF Datasheet HTML 4Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 5Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 6Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 7Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 8Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 9Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 10Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 11Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
Part Number
STANDARD VALUES - CASE SIZE 105A ( 10.7 x 10.0 x 5.4mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current Irms (Amps)1
DC Current
Isat (Amps)2
Test
Frequency
Condition A Condition B
NPIM105A1R5MTRQYF
1.5
4.2
17.9
21.4
35.1
100KHz,
1Vrms
NPIM105A2R5MTRQYF
2.5
5.9
15.1
18.1
27.2
NPIM105A3R3MTRQYF
3.3
7.9
13.1
15.7
22.7
NPIM105A4R7MTRQYF
4.7
11.3
10.9
13.1
20.0
NPIM105A100MTRQYF
10
26.2
7.1
8.5
10.7
NPIM105A220MTRQYF
22
50
5.2
6.2
8.8
NPIM105A330MTRQYF
32.5
75.4
4.2
5.0
7.6
IDC (Amps)
NPIM105A2R5MTRQYF
IDC (Amps)
NPIM105A2R5MTRQYF
PWB condition A
PWB condition B
IDC (Amps)
NPIM105A4R7MTRQYF
IDC (Amps)
NPIM105A4R7MTRQYF
PWB condition A
PWB condition B
NPIM__A Series
NPIM Shielded Power Inductors
Note 1 - DC Current (Irms) is current which causes a maximum temperature rise of 40°C:
Condition A = 4-layer PWB (1.6t, FR4)
Condition B = PWB with high dissipation performance, heat radiation constant is approximately 23K/W measured for
10.7mm x 10.0mm x 5.4mm case size.
Note 2 - DC Current (Isat) is current which causes a decrease in inductance of 30%.
Note 3 - Highest operating temperature should be within +150°C including temperature rise due to self-heating.
Inductance vs. DC Current
Temperature vs. DC Current
Inductance vs. DC Current
Temperature vs. DC Current


Similar Part No. - NPIM85A100MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM85A100MTRQYF NIC-NPIM85A100MTRQYF Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM85A100MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com