Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM187B Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPIM187B
Description  NPIM Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM187B Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NPIM187B Datasheet HTML 3Page - NIC-Components Corp. NPIM187B Datasheet HTML 4Page - NIC-Components Corp. NPIM187B Datasheet HTML 5Page - NIC-Components Corp. NPIM187B Datasheet HTML 6Page - NIC-Components Corp. NPIM187B Datasheet HTML 7Page - NIC-Components Corp. NPIM187B Datasheet HTML 8Page - NIC-Components Corp. NPIM187B Datasheet HTML 9Page - NIC-Components Corp. NPIM187B Datasheet HTML 10Page - NIC-Components Corp. NPIM187B Datasheet HTML 11Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
Series
Value
A
B
C
D
1
D
2
E
1
E
2
t
F
G
H
NPIM103B
R22 ~ R68
11.15 ± 0.35
10.0 ± 0.3
2.8 ± 0.2
2.0 ± 0.5
2.5 ± 0.1
3.0 ± 0.5
5.0 ± 0.2
0 ~ +0.15
5.4
13.6
4.1
R82 ~ 220
10.85 ± 0.35
10.0 ± 0.3
2.8 ± 0.2
2.0 ± 0.5
2.5 ± 0.1
3.0 ± 0.5
5.0 ± 0.2
0 ~ +0.15
5.4
13.6
4.1
LAND PATTERN
G
H
F
NPIM103B CASE AND LAND PATTERN DIMENSIONS
C
t
Part Number
STANDARD VALUES - CASE SIZE 103B (see size table below)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM103BR22MTRF
0.22
1.2
30
50
100KHz
NPIM103BR24MTRF
0.24
1.3
30
50
NPIM103BR33MTRF
0.33
1.6
23
32
NPIM103BR36MTRF
0.36
1.6
23
28
NPIM103BR47MTRF
0.47
2.5
23
26
NPIM103BR56MTRF
0.56
3
22
24
NPIM103BR68MTRF
0.68
3.4
21
23
NPIM103B1R0MTRF
1.0
6
15
21
NPIM103B1R5MTRF
1.5
7.5
13.5
20
NPIM103B2R2MTRF
2.2
9.0
13
16
NPIM103B3R3MTRF
3.3
16
9.0
14
NPIM103B4R7MTRF
4.7
22.5
7.0
13
NPIM103B8R2MTRF
8.2
45
5.0
8.5
NPIM103B100MTRF
10
55
5.0
7.5
NPIM103B150MTRF
15
65
4.0
6.0
NPIM103B220MTRF
22
99
3.0
5.0
A
E
1
E
2
D
2
D
1
B
Contact NIC for
NPIM103B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.


Similar Part No. - NPIM187B

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM101B1R0MTRF NIC-NPIM101B1R0MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM101BR68MTRF NIC-NPIM101BR68MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM101BR82MTRF NIC-NPIM101BR82MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM104A NIC-NPIM104A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM104AL1R0MTRQYF NIC-NPIM104AL1R0MTRQYF Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM187B

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com