Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFVC6125S3R15TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NFVC6125S3R15TRF
Description  Surface Mount Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFVC6125S3R15TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NFVC6125S3R15TRF Datasheet HTML 1Page - NIC-Components Corp. NFVC6125S3R15TRF Datasheet HTML 2Page - NIC-Components Corp. NFVC6125S3R15TRF Datasheet HTML 3Page - NIC-Components Corp. NFVC6125S3R15TRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Fuse
NFVC-S Series
Item
Test Conditions/Method
Performance
Standard
Time/Current
100% In
No fusing; 4 hours minimum
UL248-14
200% In
<120 seconds
IEC-60127-4
1000% In
>10ms
IEC-60127-4
Voltage Drop
100% of rated current
0.5A ~ 5A <300mV
0.2A ~ 0.375A <500mV
IEC-60127-4
Endurance Test
100 cycles at 100% of rated current for 1
hour, off for 15 minutes followed by
125% of rated current for 1 hour
and test temperature rise
|DR| < 10%
DT < 75°C
IEC-60127-4
Interrupting Ability
50A@125VAC/125VDC
Without permanent arcing, ignition
and bursting of fuse link
UL248-14
IEC-60127-4
Solderability
240°C ±5°C, 3 seconds ±0.5s
95% coverage minimum
IEC-60127-4
IEC-60068-2-20
Mil-Std-202
Resistance to Soldering Heat
260°C ±5°C, 10 seconds ±0.5s
|DR|: <10%
Mil-Std-202
Method 210
High Temperature Operating Life
T = 70°C ±2°C, 0.6 In, 96 hours
|DR|: <10%
Mil-Std-202
Method 108
Humidity (Steady State)
T = 40°C ±2°C, 90 ~ 95% RH, 1000 hours
|DR|: <10%
Mil-Std-202
Method 103
Low Temperature Storage
T = -55°C ±3°C, 96 hours
|DR|: <10%
IEC-60068-2-1
High Temperature Storage
T = 125°C ±2°C, 96 hours
|DR|: <10%
IEC-60068-2-2
Salt Spray
5% salt solution, 48 hours
|DR|: <10%
Mil-Std-202
Method 101
Thermal Shock
100 cycles between -65°C/+125°C,
60 minutes; each extreme
|DR|: <(10%+0.005Ω)
IEC 60068-2-14
RELIABILITY TEST
Type
A
B
W
F
E
P
1
P
2
φD
T
1
K
o
NFVC6125S
2.70 ±0.10 6.40 ±0.10 12.0 ±0.15 5.50 ±0.10 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 1.50 min. 0.25 ±0.05 2.70 ±0.10
EMBOSSED PLASTIC CARRIER DIMENSIONS (mm)
t
1.75 ±0.1
W
1.5 +0.1
-0
4.0 ±0.1
P
2
F
A
D
o
B
K
o
P
1


Similar Part No. - NFVC6125S3R15TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFVC6125F10R0TRF NIC-NFVC6125F10R0TRF Datasheet
102Kb / 4P
   Surface Mount Fuse
NFVC6125F12R0TRF NIC-NFVC6125F12R0TRF Datasheet
102Kb / 4P
   Surface Mount Fuse
NFVC6125F15R0TRF NIC-NFVC6125F15R0TRF Datasheet
102Kb / 4P
   Surface Mount Fuse
NFVC6125F1R00TRF NIC-NFVC6125F1R00TRF Datasheet
102Kb / 4P
   Surface Mount Fuse
NFVC6125F1R25TRF NIC-NFVC6125F1R25TRF Datasheet
102Kb / 4P
   Surface Mount Fuse
More results

Similar Description - NFVC6125S3R15TRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
   Surface Mount Fuse
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
   Surface Mount Fuse
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
   Surface Mount Fuse
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
   Surface Mount Fuse
NFSC NIC-NFSC Datasheet
95Kb / 3P
   Surface Mount Fuse
NFVC NIC-NFVC Datasheet
102Kb / 4P
   Surface Mount Fuse
logo
Schurter Inc.
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
   Surface Mount Fuse
0001.2704.11 SCHURTER-0001.2704.11 Datasheet
458Kb / 3P
   Surface Mount Fuse
logo
Littelfuse
0242.050HAT1 LITTELFUSE-0242.050HAT1 Datasheet
488Kb / 1P
   BARRIER FUSE SURFACE MOUNT
logo
Schurter Inc.
FUSEKITUMT-H SCHURTER-FUSEKITUMT-H Datasheet
165Kb / 2P
   Fuse Kit Surface Mount Fuse UMT-H
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com