Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM42ZR40MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIM42ZR40MTRF
Description  NPIM Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM42ZR40MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIM42ZR40MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM42ZR40MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM42ZR40MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM42ZR40MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM42ZR40MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM42ZR40MTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM_Z Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 42Z ( 4.0 X 4.0 X 2.0mm)
Inductance Value
(µH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM42ZR20MTRF
0.20
6.4
16.8
18.7
100KHz
NPIM42ZR40MTRF
0.40
8.3
14.0
12.5
NPIM42ZR60MTRF
0.60
10.45
11.7
10.4
NPIM42Z1R0MTRF
1.0
14.6
9.6
8.7
NPIM42Z1R5MTRF
1.5
23.6
7.5
7.1
NPIM42Z2R2MTRF
2.2
38.7
5.5
5.6
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
2.0
1.6
1.2
0.8
0.4
0.0
2
0
6
4
10
8
80
60
40
20
0
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
3.0
2.5
2.0
1.5
0.5
0.0
2
0
6
4
8
7
80
60
40
20
0
1.0
5
3
1
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
0.8
0.6
0.4
0.2
0.0
3
0
9
6
15
12
80
60
40
20
0
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
1.5
1.2
0.9
0.3
0.0
3
0
9
6
12
80
60
40
20
0
0.6
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
0.30
0.25
0.20
0.15
0.05
0.00
4
0
12
8
20
16
80
60
40
20
0
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
0.5
0.4
0.3
0.2
0.1
0.0
4
0
16
20
80
60
40
20
0
12
8
0.10
100
NPIM42ZR20MTRF
NPIM42ZR40MTRF
NPIM42ZR60MTRF
NPIM42Z1R0MTRF
NPIM42Z1R5MTRF
NPIM42Z2R2MTRF


Similar Part No. - NPIM42ZR40MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM42B NIC-NPIM42B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM42B1R0MTRF NIC-NPIM42B1R0MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM42B1R0MTRF NIC-NPIM42B1R0MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM42B1R2MTRF NIC-NPIM42B1R2MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM42B1R2MTRF NIC-NPIM42B1R2MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM42ZR40MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com