Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS_A Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS_A
Description  NPIS Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS_A Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS_A Datasheet HTML 1Page - NIC-Components Corp. NPIS_A Datasheet HTML 2Page - NIC-Components Corp. NPIS_A Datasheet HTML 3Page - NIC-Components Corp. NPIS_A Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS_A Series
NPIS Shielded Power Inductors
Part Number
Standard Values - Case Size 75 (7.0 x 7.0 x 4.96mm)
Inductance
Value (
μH)
Available
Tolerance
Test
Conditions
DCR max.
(m
Ω)
DC Current Isat
(Arms)
DC Current Irms
(Arms)
NPIS75AR072_TRF
0.072
±20% (M), ±30% (Y)
100kHz/0.1V
0.35
58
31
NPIS75AR10_TRF
0.1
±20% (M), ±30% (Y)
100kHz/0.1V
0.35
46
31
NPIS75AR15_TRF
0.15
±20% (M), ±30% (Y)
100kHz/0.1V
0.35
30
31
PART NUMBERS AND SPECIFICATIONS
Part Number
Standard Values - Case Size 138 (13.46 x 12.95 x 8.0mm)
Inductance
Value (
μH)
Available
Tolerance
Test
Conditions
DCR max.
(m
Ω)
DC Current Isat
(Arms)
DC Current Irms
(Arms)
NPIS138AR21_TRF
0.21
±20% (M), ±30% (Y)
100kHz/0.1V
0.35
71
45
NPIS138AR26_TRF
0.26
±20% (M), ±30% (Y)
100kHz/0.1V
0.35
60
45
NPIS138AR32_TRF
0.32
±20% (M), ±30% (Y)
100kHz/0.1V
0.35
50
45
NPIS138AR44_TRF
0.44
±20% (M), ±30% (Y)
100kHz/0.1V
0.35
35
45
Part Number
Standard Values - Case Size 105 (10.2 x 7.0 x 4.96mm)
Inductance
Value (
μH)
Available
Tolerance
Test
Conditions
DCR max.
(m
Ω)
DC Current Isat
(Arms)
DC Current Irms
(Arms)
NPIS105AR085_TRF
0.085
±20% (M), ±30% (Y)
100kHz/0.1V
0.42
70
31
NPIS105AR10_TRF
0.1
±20% (M)
100kHz/0.1V
0.42
70
31
NPIS105AR12_TRF
0.12
±20% (M)
100kHz/0.1V
0.42
52
31
NPIS105AR155_TRF
0.155
±20% (M)
100kHz/0.1V
0.42
40
31
NPIS105AR22_TRF
0.22
±20% (M)
100kHz/0.1V
0.42
33
25
Part Number
Standard Values - Case Size 117 (11.0 x 7.2 x 7.8mm)
Inductance
Value (
μH)
Available
Tolerance
Test
Conditions
DCR max.
(m
Ω)
DC Current Isat
(Arms)
DC Current Irms
(Arms)
NPIS117A070_TRF
0.07
±15% (L), ±20% (M)
100kHz/1.0V
0.32
70
48
NPIS117AR10_TRF
0.1
±15% (L), ±20% (M)
100kHz/1.0V
0.32
70
48
NPIS117AR12_TRF
0.12
±15% (L), ±20% (M)
100kHz/1.0V
0.32
70
48
NPIS117AR15_TRF
0.15
±15% (L), ±20% (M)
100kHz/1.0V
0.32
70
48
NPIS117AR22_TRF
0.22
±15% (L), ±20% (M)
100kHz/1.0V
0.32
47
48
NPIS117AR23_TRF
0.23
±10% (K), ±15% (L), ±20% (M)
100kHz/1.0V
0.32
44
48
NPIS117AR30_TRF
0.3
±15% (L), ±20% (M)
100kHz/1.0V
0.32
32
48
NPIS117AR40_TRF
0.4
±15% (L), ±20% (M)
100kHz/1.0V
0.32
23
48
NPIS117AR51_TRF
0.51
±15% (L), ±20% (M)
100kHz/1.0V
0.32
17
48
Part Number
Standard Values - Case Size 119 (11.2 x 11.2 x 9.0mm)
Inductance
Value (
μH)
Available
Tolerance
Test
Conditions
DCR max.
(m
Ω)
DC Current Isat
(Arms)
DC Current Irms
(Arms)
NPIS119AR225_TRF
0.225
±20% (M), ±30% (Y)
100kHz/0.1V
0.69
68
35
NPIS119AR27_TRF
0.27
±20% (M), ±30% (Y)
100kHz/0.1V
0.69
50
35
NPIS119AR325_TRF
0.325
±20% (M), ±30% (Y)
100kHz/0.1V
0.69
43
35
NPIS119AR47_TRF
0.47
±20% (M), ±30% (Y)
100kHz/0.1V
0.69
30
35
Irms/Isat specification is based on +40°C temperature rise or -20% inductance change whichever is less.
Irms/Isat specification is based on +40°C temperature rise or -20% inductance change whichever is less.
Irms/Isat specification is based on +40°C temperature rise or -20% inductance change whichever is less.
Irms/Isat specification is based on +40°C temperature rise or -20% inductance change whichever is less.
Irms/Isat specification is based on +40°C temperature rise or -20% inductance change whichever is less.


Similar Part No. - NPIS_A

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS_A

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com