Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM104C1R5MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIM104C1R5MTRF
Description  NPIM Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM104C1R5MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIM104C1R5MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM104C1R5MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM104C1R5MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM104C1R5MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIM__C Series
NPIM Shielded Power Inductors
Series
Part
Thickness
Ao
Bo
Co
Po
Ko
t
W
NPIM42C
All
4.2 ± 0.10
4.5 ± 0.10
5.5 ± 0.10
8.0 ± 0.10
2.5 ± 0.15
1.55 ± 0.05
12.0 ± 0.30
NPIM74C
All
7.2 ± 0.10
7.5 ± 0.10
7.5 ± 0.10
12.0 ± 0.10
3.6 ± 0.15
0.30 ± 0.10
16.0 ± 0.30
NPIM104C
All
10.7 ± 0.10
12.0 ± 0.10
11.5 ± 0.10
16.0 ± 0.10
4.0 ± 0.10
0.35 ± 0.05
24.0 ± 0.30
NPIM143C
All
13.4 ± 0.10
14.1 ± 0.10
11.5 ± 0.10
16.0 ± 0.1
3.7 ± 0.15
0.35 ± 0.05
24.0 ± 0.30
NPIM145C
All
13.4 ± 0.10
14.1 ± 0.10
11.5 ± 0.10
16.0 ± 0.1
5.1 ± 0.10
0.35 ± 0.05
24.0 ± 0.30
W
Co
Ao
Po
Ko
Bo
1.55mm ± 0.05
4.0mm
±0.1
1.75mm ±0.1
t
Series
A
B
Qty/Reel
NPIM42C
12.5 ±0.5
2.0 ± 0.2
2,000
NPIM74C
16.0 ± 0.5
2.0 ± 0.2
1,000
NPIM104C
24.5 ± 0.5
2.0 ± 0.2
500
NPIM143C
24.5 ± 0.5
2.0 ± 0.2
500
NPIM145C
24.5 ± 0.5
2.0 ± 0.2
500
CARRIER TAPE DIMENSIONS (mm)
REEL DIMENSIONS (mm)
Series
F
G
H
NPIM42C
2.2
5.2
2.5
NPIM74C
3.7
8.4
3.5
NPIM104C
5.4
13.6
4.1
NPIM143C
8.0
14.5
5.0
NPIM145C
8.0
14.5
5.0
G
H
F
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Cool Down
120 sec.
25
50
100
150
200
250
300
Pre-Heat
180°C ~ 200°C
Time above 220°C
50 seconds max.
Land Patterns (mm)


Similar Part No. - NPIM104C1R5MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM104C1R5MTRF NIC-NPIM104C1R5MTRF Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM104C1R5MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com