Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
LM99 Datasheet(PDF) 3 Page - National Semiconductor (TI)
[Old version datasheet]
Texas Instruments acquired National semiconductor.
Click here
to check the latest version.
Part No.
LM99
Description
±1C
Accurate,
High
Temperature,
Remote
Diode
Temperature
Sensor
with
Two-Wire
Interface
Download
20 Pages
Scroll/Zoom
100%
Maker
NSC [National Semiconductor (TI)]
Homepage
http://www.national.com
Logo
LM99 Datasheet(HTML) 3 Page - National Semiconductor (TI)
zoom in
zoom out
3
/ 20 page
Typical Application
20053803
www.national.com
3
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
LM86
±0.75°C
Accurate
Remote
Diode
and
Local
Digital
Temperature
Sensor
with
Two-Wire
Interface
1
2
3
4
5
More
National Semiconductor (TI)
LM89
±0.75°C
Accurate
Remote
Diode
and
Local
Digital
Temperature
Sensor
with
Two-Wire
Interface
1
2
3
4
5
More
National Semiconductor (TI)
LM90
3
Degree
Celcious
Accurate
Remote
Diode
and
Local
Digital
Temperature
Sensor
with
Two-Wire
Interface
1
2
3
4
5
More
National Semiconductor (TI)
LM63
±1C/±3C
Accurate
Remote
Diode
Digital
Temperature
Sensor
with
Integrated
Fan
Control
1
2
3
4
5
More
National Semiconductor (TI)
LM82
Remote
Diode
and
Local
Digital
Temperature
Sensor
with
Two-Wire
Interface
1
2
3
4
5
More
National Semiconductor (TI)
LM92
±0.33°C
Accurate
12-Bit
Sign
Temperature
Sensor
and
Thermal
Window
Comparator
with
Two-Wire
Interface
1
2
3
4
5
More
National Semiconductor (TI)
MAX6654
1°C
Accurate
Remote/Local
Temperature
Sensor
with
SMBus
Serial
Interface
1
2
3
4
5
More
Maxim Integrated Products
MAX6690
2°C
Accurate
Remote/Local
Temperature
Sensor
with
SMBus
Serial
Interface
1
2
3
4
5
More
Maxim Integrated Products
LM95235
Precision
Remote
Diode
Temperature
Sensor
with
SMBus
Interface
and
TruTherm
Technology
1
2
3
4
5
More
National Semiconductor (TI)
LM84
Diode
Input
Digital
Temperature
Sensor
with
Two-Wire
Interface
1
2
3
4
5
More
National Semiconductor (TI)
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn