Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN83C185 Datasheet(PDF) 60 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 60 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 53Page - SMSC Corporation LAN83C185 Datasheet HTML 54Page - SMSC Corporation LAN83C185 Datasheet HTML 55Page - SMSC Corporation LAN83C185 Datasheet HTML 56Page - SMSC Corporation LAN83C185 Datasheet HTML 57Page - SMSC Corporation LAN83C185 Datasheet HTML 58Page - SMSC Corporation LAN83C185 Datasheet HTML 59Page - SMSC Corporation LAN83C185 Datasheet HTML 60Page - SMSC Corporation LAN83C185 Datasheet HTML 61Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
Rev. 0.8 (11-16-04)
60
SMSC LAN83C185
DATASHEET
Note 6.1
Measured at the line side of the transformer, line replaced by 100
Ω (+/- 1%) resistor.
Note 6.2
Offset from16 nS pulse width at 50% of pulse peak
Note 6.3
Measured differentially.
Note 6.4
Min/max voltages guaranteed as measured with 100
Ω resistive load.
17
LINKON
Pull-up
30 uA
19
ACTIVITY
Pull-up
30 uA
20
FDUPLEX
Pull-up
30 uA
46
nINT
Pull-up
30 uA
Table 6.10 100Base-TX Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 6.1
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 6.1
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 6.1
Signal Rise & Fall Time
TRF
3.0
-
5.0
nS
Note 6.1
Rise & Fall Time Symmetry
TRFS
--
0.5
nS
Note 6.1
Duty Cycle Distortion
DCD
35
50
65
%
Note 6.2
Overshoot & Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 6.3
Table 6.11 10BASE-T Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 6.4
Receiver Differential Squelch Threshold
VDS
300
420
585
mV
Table 6.9 Internal Pull-Up / Pull-/Down Configurations (continued)
PIN NO.
NAME
PULL-UP OR PULL-DOWN
TYPE


Similar Part No. - LAN83C185

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C185 SMSC-LAN83C185 Datasheet
882Kb / 65P
   High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver
LAN83C185 SMSC-LAN83C185 Datasheet
851Kb / 60P
   High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
LAN83C185-JD SMSC-LAN83C185-JD Datasheet
851Kb / 60P
   High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
LAN83C185-JT SMSC-LAN83C185-JT Datasheet
851Kb / 60P
   High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
LAN83C185 SMSC-LAN83C185_03 Datasheet
882Kb / 65P
   High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver
More results

Similar Description - LAN83C185

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C185 SMSC-LAN83C185_03 Datasheet
882Kb / 65P
   High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver
LAN83C185 SMSC-LAN83C185_08 Datasheet
851Kb / 60P
   High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
[Old version datasheet]   Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com