Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E37F451CPN153MFM9M Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # E37F451CPN153MFM9M
Description  Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E37F451CPN153MFM9M Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

  E37F451CPN153MFM9M Datasheet HTML 1Page - United Chemi-Con, Inc. E37F451CPN153MFM9M Datasheet HTML 2Page - United Chemi-Con, Inc. E37F451CPN153MFM9M Datasheet HTML 3Page - United Chemi-Con, Inc. E37F451CPN153MFM9M Datasheet HTML 4Page - United Chemi-Con, Inc. E37F451CPN153MFM9M Datasheet HTML 5Page - United Chemi-Con, Inc. E37F451CPN153MFM9M Datasheet HTML 6Page - United Chemi-Con, Inc. E37F451CPN153MFM9M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
420 Volts
470 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 7
U37F Series
Engineering Bulletin Mar 2013
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated Ripple Current
(A rms) at
85 C
120Hz
300Hz
>3kHz
8,200
E37F421CPN822MFB7M
89
117
FB7
12
22.7
27.2
31.7
10,000
E37F421CPN103MFE3M
89
143
FE3
10
26.8
32.1
37.5
12,000
E37F421CPN123MFF5M
89
155
FF5
8
30.3
36.3
42.4
15,000
E37F421CPN153MFK0M
89
190
FK0
6
36.5
43.8
51.1
18,000
E37F421CPN183MFM9M
89
219
FM9
5
42.2
50.7
59.1
450 Volts
500 Volts Surge
2,700
E37F451HPN272MCB7M
50
117
CB7
34
9.8
11.7
13.7
2,700
E37F451HPN272MCD0M
50
130
CD0
34
10.1
12.1
14.2
2,200
E37F451CPN222MD92M
63.5
92
D92
42
9.1
10.9
12.8
2,700
E37F451CPN272MDA5M
63.5
105
DA5
34
10.5
12.7
14.8
3,300
E37F451CPN332MDB7M
63.5
117
DB7
28
12.1
14.6
17.0
3,900
E37F451CPN392MDD0M
63.5
130
DD0
23
13.7
16.4
19.1
4,700
E37F451CPN472MDE3M
63.5
143
DE3
19
15.5
18.6
21.8
3,900
E37F451CPN392ME92M
76.2
92
E92
24
13.2
15.8
18.4
4,700
E37F451CPN472MEA5M
76.2
105
EA5
20
15.1
18.1
21.1
5,600
E37F451CPN562MEB7M
76.2
117
EB7
17
17.1
20.5
24.0
6,800
E37F451CPN682MEE3M
76.2
143
EE3
14
20.2
24.3
28.3
8,200
E37F451CPN822MEJ1M
76.2
181
EJ1
12
24.3
29.1
34.0
12,000
E37F451CPN123MEM9M
76.2
219
EM9
8
31.7
38.0
44.4
5,600
E37F451CPN562MF92M
89
92
F92
17
17.3
20.8
24.2
6,800
E37F451CPN682MFA5M
89
105
FA5
14
19.9
23.8
27.8
6,800
E37F451CPN682MFB7M
89
117
FB7
14
20.6
24.8
28.9
8,200
E37F451CPN822MFE3M
89
143
FE3
12
24.3
29.1
34.0
12,000
E37F451CPN123MFF5M
89
155
FF5
8
30.2
36.3
42.3
15,000
E37F451CPN153MFK0M
89
190
FK0
6
36.5
43.8
51.1
15,000
E37F451CPN153MFM9M
89
219
FM9
6
38.6
46.3
54.0
500 Volts
550 Volts Surge
1,500
E37F501HPN152MCB7M
50
117
CB7
63
7.2
8.6
10.1
1,800
E37F501HPN182MCD0M
50
130
CD0
55
8.0
9.6
11.2
1,800
E37F501CPN182MD92M
63.5
92
D92
52
8.2
9.8
11.5
2,200
E37F501CPN222MDA5M
63.5
105
DA5
43
9.4
11.2
13.1
2,700
E37F501CPN272MDB7M
63.5
117
DB7
37
10.5
12.6
14.7
3,300
E37F501CPN332MDD0M
63.5
130
DD0
32
11.7
14.0
16.3
3,300
E37F501CPN332MDE3M
63.5
143
DE3
29
12.8
15.4
17.9
2,700
E37F501CPN272ME92M
76.2
92
E92
36
10.9
13.1
15.3
3,300
E37F501CPN332MEA5M
76.2
105
EA5
30
12.5
15.0
17.5
3,900
E37F501CPN392MEB7M
76.2
117
EB7
25
14.0
16.8
19.6
5,600
E37F501CPN562MEE3M
76.2
143
EE3
20
17.1
20.5
23.9
6,800
E37F501CPN682MEJ1M
76.2
181
EJ1
15
21.5
25.8
30.1
8,200
E37F501CPN822MEM9M
76.2
219
EM9
12
26.0
31.2
36.3
3,900
E37F501CPN392MF92M
89
92
F92
25
14.2
17.1
19.9
4,700
E37F501CPN472MFA5M
89
105
FA5
21
16.2
19.5
22.7
5,600
E37F501CPN562MFB7M
89
117
FB7
18
18.2
21.8
25.5
6,800
E37F501CPN682MFE3M
89
143
FE3
14
22.1
26.5
30.9
8,200
E37F501CPN822MFF5M
89
155
FF5
13
24.0
28.8
33.6
10,000
E37F501CPN103MFK0M
89
190
FK0
10
29.2
35.1
40.9
12,000
E37F501CPN123MFM9M
89
219
FM9
8
33.5
40.2
46.9
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.


Similar Part No. - E37F451CPN153MFM9M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E37F451HPN CHEMI-CON-E37F451HPN Datasheet
204Kb / 7P
   Large Can
More results

Similar Description - E37F451CPN153MFM9M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com