Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E37F501CPN332MEA5M Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # E37F501CPN332MEA5M
Description  Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E37F501CPN332MEA5M Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  E37F501CPN332MEA5M Datasheet HTML 1Page - United Chemi-Con, Inc. E37F501CPN332MEA5M Datasheet HTML 2Page - United Chemi-Con, Inc. E37F501CPN332MEA5M Datasheet HTML 3Page - United Chemi-Con, Inc. E37F501CPN332MEA5M Datasheet HTML 4Page - United Chemi-Con, Inc. E37F501CPN332MEA5M Datasheet HTML 5Page - United Chemi-Con, Inc. E37F501CPN332MEA5M Datasheet HTML 6Page - United Chemi-Con, Inc. E37F501CPN332MEA5M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
U37F Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
2/ 7
Engineering Bulletin Mar 2013
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.
U37F Specifications - Screw Terminals
Item
Category Temperature Range
40 to
85 C
Rated Voltage Range
350 to 500VDC
Capacitance Range
1,500 to 22,000 F at
25 C, 120Hz
Capacitance Tolerance
20% ( M ) at
25 C, 120Hz
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
25 C after
subjecting them to DC voltage for 5,000 hours at
85 C with the rated ripple current applied.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of
the capacitors.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 200% of initial specified limit
Leakage current
:
≤ initial specified limit
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
25 C after
exposing them for 500 hours at
85 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 200% of initial specified limit
Leakage current
:
≤ initial specified limit
Characteristics
Leakage Current
I
0.02CV ( A ) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Rated Ripple Current Multipliers
Ambient Temperature ( C)
45 C
2.82
65 C
1.73
85 C
1.00
Vibration Rating
Maximum Tightening Torque
10 -55Hz, 10g sinusoidal in three axes, 2 hours per axis.
Terminal Code
Thread Size
3 Threads Engaged
6 Threads Engaged
HP
10 - 32 NF- 2B
2.0 N
·m (18.0 in·lb)
4.0 N
·m (35.0 in·lb)
2.8 N
·m (25.0 in·lb)
6.2 N
·m (55.0 in·lb)
M5x0.8 - 6H
1/4 - 28 NF- 2B
M6x1- 6H
HL
CD
CP
CH
CA
CS
Typical Inductance (nH)
at 1MHz
Case Diameter
(mm )
Terminal Code
HL
CD
CP
CH
CA
CS
HP
Ø
50.8
Ø
63.5
Ø
76.2
Ø
89.0
30
30
30
30
NA
25
25
NA
20
20
NA
25
25
NA
20
20
Custom Designs
Custom CV values per case size and termination type may be available upon request.
Contact appropriate representative with specific requirements.
Frequency (Hz )
DC Rated Voltage
350 -500V
50Hz
0.80
120Hz
1.00
300Hz
1.20
1kHz
1.30
3kHz
1.40
10kHz
1.41
To determine maximum ripple current at a specified temperature and frequency, use the appropriate
multiplier shown. However, do not use both the temperature and frequency multipliers together.
85 C
65 C
45 C
6,500 hours max.
23,800 hours max.
124,700 hours max.
Useful Life
With specified standard voltage and ripple current applied, typical life as function of ambient
temperature is listed below.
Capacitance change:
≤ 30% from initial measurement
ESR change
:
≤ 300% of initial specified limit
Leakage current
:
≤ initial specified limit
NA
25
25


Similar Part No. - E37F501CPN332MEA5M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E37F501HPN CHEMI-CON-E37F501HPN Datasheet
204Kb / 7P
   Large Can
E37F501HPN152MCB7M CHEMI-CON-E37F501HPN152MCB7M Datasheet
204Kb / 7P
   Large Can
E37F501HPN182MCD0M CHEMI-CON-E37F501HPN182MCD0M Datasheet
204Kb / 7P
   Large Can
More results

Similar Description - E37F501CPN332MEA5M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com