Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E37F451CPN682MEE3M Datasheet(PDF) 5 Page - United Chemi-Con, Inc.

Part # E37F451CPN682MEE3M
Description  Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E37F451CPN682MEE3M Datasheet(HTML) 5 Page - United Chemi-Con, Inc.

  E37F451CPN682MEE3M Datasheet HTML 1Page - United Chemi-Con, Inc. E37F451CPN682MEE3M Datasheet HTML 2Page - United Chemi-Con, Inc. E37F451CPN682MEE3M Datasheet HTML 3Page - United Chemi-Con, Inc. E37F451CPN682MEE3M Datasheet HTML 4Page - United Chemi-Con, Inc. E37F451CPN682MEE3M Datasheet HTML 5Page - United Chemi-Con, Inc. E37F451CPN682MEE3M Datasheet HTML 6Page - United Chemi-Con, Inc. E37F451CPN682MEE3M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/7
U37F Series
Engineering Bulletin Mar 2013
Supplement Code. Field 18.
C = PET insulation with end disk (Ø50.8mm only).
M = Pb-free PVC insulation with end disk.
S = Polyolefin insulation with end disk.
Case Size. Fields 15, 16 and 17.
The single letter diameter code is inserted in field 15.
C= Ø50.8mm (Ø2.000”)
D= Ø63.5mm (Ø2.500”)
E= Ø76.2mm (Ø3.000”)
F= Ø89.0mm (Ø3.500”)
The double character length code is inserted in fields 16 and 17.
For lengths
≤ 99mm, insert the actual length rounded to nearest
millimeter. For lengths of 100mm or more, insert the appropriate
alpha numeric code as indicated below.
92 = 92mm (3.625”)
A5 = 105mm (4.125”)
B7 = 117mm (4.625”)
D0 = 130mm (5.125”)
E3 = 143mm (5.625”)
F5 = 155mm (6.125”)
J1 = 181mm (7.125”)
K0 = 190mm (7.500”)
M9 = 219mm (8.625”)
Capacitance Tolerance. Field 14.
M=
20%
Capacitance. Fields 11, 12 and 13.
Expressed in Microfarads. The first two digits are significant
figures inserted in fields 11 and 12, and the third digit inserted
in field 13 indicates the number of zeros for capacitance of
10 F or more. R indicates the decimal point for capacitance
less than 10 F (e.g. 1R0 = 1.0 F; 100 = 10 F; 101 = 100 F;
102 = 1,000 F; 103 = 10,000 F).
Mounting Hardware. Field 10.
N = None.
C = Three-footed clamp.
S = Stud mount. The mounting nut is not included with
stud mount orders. It must be ordered separately.
Terminal Type. Fields 8 and 9.
HP = High post 10-32 NF- 2B screw thread.
HL = High post M5x0.8 screw thread.
CD = UTE M5x0.8 screw thread.
CP = Low post 1/4-28 NF-2B screw thread.
CH = High post 1/4-28 NF-2B screw thread.
CA = Low post M6x1 screw thread.
CS = High post M6x1 screw thread.
DC Rated Voltage. Fields 5, 6 and 7.
Expressed in Volts. The first two digits are significant figures
inserted in fields 5 and 6, and the third digit inserted in field 7
indicates the number of zeros for rated voltage of 10VDC or
more. R indicates the decimal point for rated voltage less than
10VDC (e.g. 4R0 = 4.0VDC; 400 = 40VDC; 401 = 400VDC).
Series Name. Fields 2, 3 and 4.
Enter the 3-letter/digit series name in fields 2, 3 and 4. If the
series name is only 2 letters/digits, place a dash in field 4.
For a series name with more than 3 letters/digits, refer to the
individual series for the appropriate 3-field series name.
Capacitor Type. Field 1.
Aluminum Electrolytic Capacitor (Polar).
Part Numbering System for U37F Series When ordering, always specify complete 18-field global part number.
E 3 7F 4 01 CP N 103 M E J1 M
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
18
9
8
7
6
5
4
3
2
1
18 Fields


Similar Part No. - E37F451CPN682MEE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E37F451HPN CHEMI-CON-E37F451HPN Datasheet
204Kb / 7P
   Large Can
More results

Similar Description - E37F451CPN682MEE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com