Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X0808T1D-YB70 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6X0808T1D-YB70
Description  32Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X0808T1D-YB70 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6X0808T1D-YB70 Datasheet HTML 1Page - Samsung semiconductor K6X0808T1D-YB70 Datasheet HTML 2Page - Samsung semiconductor K6X0808T1D-YB70 Datasheet HTML 3Page - Samsung semiconductor K6X0808T1D-YB70 Datasheet HTML 4Page - Samsung semiconductor K6X0808T1D-YB70 Datasheet HTML 5Page - Samsung semiconductor K6X0808T1D-YB70 Datasheet HTML 6Page - Samsung semiconductor K6X0808T1D-YB70 Datasheet HTML 7Page - Samsung semiconductor K6X0808T1D-YB70 Datasheet HTML 8Page - Samsung semiconductor K6X0808T1D-YB70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CMOS SRAM
K6X0808T1D Family
Revision 1.0
December 2003
3
PRODUCT LIST
Commercial Temp. Products(0~70
°C)
Industrial Temp. Products(-40~85
°C)
Atomotive Temp. Products(-40~125
°C)
Part Name
Function
Part Name
Function
Part Name
Function
K6X0808T1D-GB70
K6X0808T1D-GB85
K6X0808T1D-YB70
K6X0808T1D-YB85
K6X0808T1D-NB70
K6X0808T1D-NB85
28-SOP, 70ns, LL
28-SOP, 85ns, LL
28-sTSOP-F, 70ns, LL
28-sTSOP-F, 85ns, LL
28-sTSOP-R, 70ns, LL
28-sTSOP-R, 85ns, LL
K6X0808T1D-GF70
K6X0808T1D-GF85
K6X0808T1D-YF70
K6X0808T1D-YF85
K6X0808T1D-NF70
K6X0808T1D-NF85
28-SOP, 70ns, LL
28-SOP, 85ns, LL
28-sTSOP-F, 70ns, LL
28-sTSOP-F, 85ns, LL
28-sTSOP-R, 70ns, LL
28-sTSOP-R, 85ns, LL
K6X0808T1D-GQ70
K6X0808T1D-GQ85
K6X0808T1D-YQ70
K6X0808T1D-YQ85
28-SOP, 70ns, L
28-SOP, 85ns, L
28-sTSOP-F, 70ns, L
28-sTSOP-F, 85ns, L
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.2 to VCC+0.3V(Max. 3.9V)
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 3.9
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
-40 to 85
°C
K6X0808T1D-F
-40 to 125
°C
K6X0808T1D-Q
FUNCTIONAL DESCRIPTION
1. X means don't care (Must be in high or low states)
CS
OE
WE
I/O
Mode
Power
H
X1)
X1)
High-Z
Deselected
Standby
L
H
H
High-Z
Output Disabled
Active
L
L
H
Dout
Read
Active
L
X1)
L
Din
Write
Active


Similar Part No. - K6X0808T1D-YB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D-DF55 SAMSUNG-K6X0808C1D-DF55 Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D-DF70 SAMSUNG-K6X0808C1D-DF70 Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D-F SAMSUNG-K6X0808C1D-F Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D-GF55 SAMSUNG-K6X0808C1D-GF55 Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6X0808T1D-YB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com