Electronic Components Datasheet Search |
|
E36F501CPN392MEE3M Datasheet(PDF) 2 Page - United Chemi-Con, Inc. |
|
E36F501CPN392MEE3M Datasheet(HTML) 2 Page - United Chemi-Con, Inc. |
2 / 9 page U36F Series United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 100 U36F Specifications - Screw Terminals Item Category Temperature Range 40 to 85 C Rated Voltage Range 350 to 500VDC Capacitance Range 1,500 to 18,000 F at 25 C, 120Hz Capacitance Tolerance 20% ( M ) at 25 C, 120Hz Endurance (Load Life) The following specifications shall be satisfied when the capacitors are restored to 25 C after subjecting them to DC voltage for 5,000 hours at 85 C with the rated ripple current applied. The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of the capacitors. Capacitance change: ≤ 20% from initial measurement ESR change : ≤ 200% of initial specified limit Leakage current : ≤ initial specified limit Shelf Life The following specifications shall be satisfied when the capacitors are restored to 25 C after exposing them for 500 hours at 85 C without voltage applied. The rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. Capacitance change: ≤ 20% from initial measurement ESR change : ≤ 200% of initial specified limit Leakage current : ≤ initial specified limit Characteristics Leakage Current I 0.02CV ( A ) or 5mA, whichever is smaller, after 5 minutes at 25 C. Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V ) Rated Ripple Current Multipliers Ambient Temperature ( C) 45 C 2.82 65 C 2.00 85 C 1.00 Vibration Rating Maximum Tightening Torque 10 -55Hz, 10g sinusoidal in three axis, 2 hours per axis. Terminal Code Thread Size 3 Threads Engaged in ·lb N ·min·lb N ·m 6 Threads Engaged HP HL CD CP CH CA CS 10 - 32 NF- 2B M5x0.8 - 6H M5x0.8 - 6H 1/4 - 28 NF- 2B 1/4 - 28 NF- 2B M6x1- 6H M6x1- 6H 18.0 18.0 18.0 35.0 35.0 35.0 35.0 2.0 2.0 2.0 4.0 4.0 4.0 4.0 25.0 25.0 25.0 55.0 55.0 55.0 55.0 2.8 2.8 2.8 6.2 6.2 6.2 6.2 Typical Inductance (nH) at 1MHz Terminal Code Case Diameter Ø 63.5 Ø 50 Ø 76 Ø 89 HP HL CD CP CH CA CS — — — — — — — — — NA NA NA NA NA 30 30 25 20 25 20 25 30 30 25 20 25 20 25 Custom Designs Custom CV values per case size and termination type may be available upon request. Contact appropriate representative with specific requirements. |
Similar Part No. - E36F501CPN392MEE3M |
|
Similar Description - E36F501CPN392MEE3M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |