Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C346C322CCG5HA7303 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C346C322CCG5HA7303
Description  High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C346C322CCG5HA7303 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C346C322CCG5HA7303 Datasheet HTML 7Page - Kemet Corporation C346C322CCG5HA7303 Datasheet HTML 8Page - Kemet Corporation C346C322CCG5HA7303 Datasheet HTML 9Page - Kemet Corporation C346C322CCG5HA7303 Datasheet HTML 10Page - Kemet Corporation C346C322CCG5HA7303 Datasheet HTML 11Page - Kemet Corporation C346C322CCG5HA7303 Datasheet HTML 12Page - Kemet Corporation C346C322CCG5HA7303 Datasheet HTML 13Page - Kemet Corporation C346C322CCG5HA7303 Datasheet HTML 14Page - Kemet Corporation C346C322CCG5HA7303 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015 11
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1D – C33X Style/Size (0.200" Lead Spacing), Capacitance Range Waterfall cont'd
TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981.
*Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC330andC331.
Table 1E – C34X Style/Size, Capacitance Range Waterfall
TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981.
*Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC340.
C330, C331, C333, C335, C336 Style/Size (0.200" and 0.250" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
2200pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
222*
222*
222*
222
222
2400pF
242*
242*
242*
242
242
2700pF
272*
272*
272*
272
272
3000pF
302*
302*
302
302
302
3300pF
332*
332*
332
332
3600pF
362*
362*
362
362
3900pF
392*
392*
392
392
4300pF
432*
432*
432
432
4700pF
472*
472*
472
472
5100pF
512*
512*
512
512
5600pF
562*
562*
562
562
6200pF
622*
622*
622
6800pF
682*
682*
682
7500pF
752*
752
752
8200pF
822*
822
822
9100pF
912
912
912
0.01µF
103
103
103
0.012µF
123
123
123
0.015µF
153
153
0.018µF
183
183
0.022µF
223
0.027µF
273
0.033µF
333
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H
C340, C346 Style/Size (0.200" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
10pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
100*
100*
100*
100*
100*
100
100
11pF
110*
110*
110*
110*
110*
110
110
12pF
120*
120*
120*
120*
120*
120
120
13pF
130*
130*
130*
130*
130*
130
130
15pF
150*
150*
150*
150*
150*
150
150
16pF
160*
160*
160*
160*
160*
160
160
18pF
180*
180*
180*
180*
180*
180
180
20pF
200*
200*
200*
200*
200*
200
200
22pF
220*
220*
220*
220*
220*
220
220
24pF
240*
240*
240*
240*
240*
240
240
27pF
270*
270*
270*
270*
270*
270
270
30pF
300*
300*
300*
300*
300*
300
300
33pF
330*
330*
330*
330*
330*
330
330
36pF
360*
360*
360*
360*
360*
360
360
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H


Similar Part No. - C346C322CCG5HA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C346C106J1R5HA7301 KEMET-C346C106J1R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C346C106J1R5TA7301 KEMET-C346C106J1R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C346C106J2R5HA7301 KEMET-C346C106J2R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C346C106J2R5TA7301 KEMET-C346C106J2R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C346C106J3R5HA7301 KEMET-C346C106J3R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C346C322CCG5HA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com