Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLIZ34N Datasheet(PDF) 3 Page - International Rectifier

Part # IRLIZ34N
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLIZ34N Datasheet(HTML) 3 Page - International Rectifier

  IRLIZ34N Datasheet HTML 1Page - International Rectifier IRLIZ34N Datasheet HTML 2Page - International Rectifier IRLIZ34N Datasheet HTML 3Page - International Rectifier IRLIZ34N Datasheet HTML 4Page - International Rectifier IRLIZ34N Datasheet HTML 5Page - International Rectifier IRLIZ34N Datasheet HTML 6Page - International Rectifier IRLIZ34N Datasheet HTML 7Page - International Rectifier IRLIZ34N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRLIZ34N
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
0.001
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
V
, Dra in -to-So urce V oltag e (V)
DS
20µs PU LS E W ID TH
T
= 2 5°C
A
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTT OM
2.0V
2.0 V
J
0.001
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
V
, Drain-to -S ource Vo ltage (V )
DS
VGS
TOP
7.50V
5.00V
4.00V
3.50V
3.00V
2.75V
2.50V
BOTTOM
2.25V
A
20µs PU LSE W ID TH
T
= 175°C
2.0V
J
0.01
0.1
1
10
100
1000
23
45678
9
1 0
T = 25°C
J
GS
V
, G a te -to -S o u rce V olta ge (V )
T = 175°C
J
A
V
= 2 5 V
20µs PU L SE W ID TH
DS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Ju nctio n T emp eratu re (°C)
V
= 10 V
GS
A
I
= 27 A
D


Similar Part No. - IRLIZ34N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLIZ34NPBF IRF-IRLIZ34NPBF Datasheet
255Kb / 8P
   HEXFET Power MOSFET
IRLIZ34NPBF IRF-IRLIZ34NPBF Datasheet
264Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRLIZ34NPBF IRF-IRLIZ34NPBF_15 Datasheet
264Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRLIZ34N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com