Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF4624 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SSF4624
Description  40V Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4624 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SSF4624 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4624 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4624 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4624 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.goodark.com
Page 3 of 4
Rev.1.0
SSF4624
40V Dual N-Channel MOSFET
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
Square Wave Pluse Duration(sec)
Figure 3 Normalized Maximum Transient Thermal Impedance
Vgs
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Figure 1: Switching Test Circuit
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms


Similar Part No. - SSF4624

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF4624 SILIKRON-SSF4624 Datasheet
334Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
SSF4624 GOOD-ARK-SSF4624_15 Datasheet
443Kb / 4P
   40V Dual N-Channel MOSFET
More results

Similar Description - SSF4624

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF4624 GOOD-ARK-SSF4624_15 Datasheet
443Kb / 4P
   40V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6884 AOSMD-AON6884 Datasheet
250Kb / 6P
   40V Dual N-Channel MOSFET
AO4882 AOSMD-AO4882 Datasheet
349Kb / 5P
   40V Dual N-Channel MOSFET
AO4884 AOSMD-AO4884 Datasheet
203Kb / 6P
   40V Dual N-Channel MOSFET
AO4840 AOSMD-AO4840_11 Datasheet
316Kb / 5P
   40V Dual N-Channel MOSFET
AO4614B AOSMD-AO4614B_11 Datasheet
238Kb / 7P
   40V Dual P N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com