Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF4607D Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF4607D
Description  30V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4607D Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF4607D Datasheet HTML 1Page - GOOD-ARK Electronics SSF4607D Datasheet HTML 2Page - GOOD-ARK Electronics SSF4607D Datasheet HTML 3Page - GOOD-ARK Electronics SSF4607D Datasheet HTML 4Page - GOOD-ARK Electronics SSF4607D Datasheet HTML 5Page - GOOD-ARK Electronics SSF4607D Datasheet HTML 6Page - GOOD-ARK Electronics SSF4607D Datasheet HTML 7Page - GOOD-ARK Electronics SSF4607D Datasheet HTML 8Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSF4607D
30V P-Channel MOSFET
www.goodark.com
Page 1 of 8
Rev.1.0
Main Product Characteristics
VDSS
-30V
RDS(on)
19mΩ(typ.)
ID
-25A
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V(Silicon Limited)
-25
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
-20
IDM
Pulsed Drain Current
-60
A
PD @TC = 25°C
Power Dissipation
41
W
VDS
Drain-Source Voltage
-30
V
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case③
3
℃/W
Junction-to-ambient (t ≤ 10s)
25
℃/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state)
50
℃/W
Marking and Pin
Assignment
Schematic Diagram
Advanced trench MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
Lead free product
It utilizes the latest trench processing techniques to achieve the high cell density and reduces the
on-resistance with high repetitive avalanche rating. These features combine to make this design an extremely
efficient and reliable device for use in power switching application and a wide variety of other applications.
TO-252
D
G
S


Similar Part No. - SSF4607D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF4607D SILIKRON-SSF4607D Datasheet
551Kb / 9P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF4607D GOOD-ARK-SSF4607D_15 Datasheet
1Mb / 8P
   30V P-Channel MOSFET
More results

Similar Description - SSF4607D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com