Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF3637 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SSF3637
Description  30V Dual P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3637 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SSF3637 Datasheet HTML 1Page - GOOD-ARK Electronics SSF3637 Datasheet HTML 2Page - GOOD-ARK Electronics SSF3637 Datasheet HTML 3Page - GOOD-ARK Electronics SSF3637 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.goodark.com
Page 3 of 4
Rev.1.0
SSF3637
30V Dual P-Channel MOSFET
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
Square Wave Pluse Duration(sec)
Figure 3: Normalized Maximum Transient Thermal Impedan
V
IN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Vgs
Figure1:Switching Test Circuit


Similar Part No. - SSF3637

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3637 SILIKRON-SSF3637 Datasheet
509Kb / 5P
   Battery protection
SSF3637S SILIKRON-SSF3637S Datasheet
317Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
SSF3637S GOOD-ARK-SSF3637S Datasheet
409Kb / 4P
   30V P-Channel MOSFET
SSF3637S GOOD-ARK-SSF3637S_15 Datasheet
409Kb / 4P
   30V P-Channel MOSFET
SSF3637 GOOD-ARK-SSF3637_15 Datasheet
423Kb / 4P
   30V Dual P-Channel MOSFET
More results

Similar Description - SSF3637

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
   30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
   30V Dual P-Channel MOSFET
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
   30V Dual P-Channel MOSFET
Rev.1.1: September 2019
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
   30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
   30V Dual P-Channel MOSFET
AO6801A AOSMD-AO6801A Datasheet
336Kb / 5P
   30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
   30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
   30V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com