Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMH3B1VSN221MQ30T Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # ESMH3B1VSN221MQ30T
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMH3B1VSN221MQ30T Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  ESMH3B1VSN221MQ30T Datasheet HTML 1Page - United Chemi-Con, Inc. ESMH3B1VSN221MQ30T Datasheet HTML 2Page - United Chemi-Con, Inc. ESMH3B1VSN221MQ30T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMH3B1VSN221MQ30T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMH3B1VSN221MQ30T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMH3B1VSN221MQ30T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMH3B1VSN221MQ30T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMH3B1VSN221MQ30T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMH3B1VSN221MQ30T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SMH Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
20
Snap Mount
Types VSN & VNN Ø22~Ø35
Type VRD Ø35
Type VQD Ø35
Unit: mm
Diagram of Dimensions - Snap Mount
Type VND Ø35 & Ø40
Pb-free PVC Sleeve
L
2
See
Pin
Detail
22.5
2-4x
PC board pin-out
30
°
A
*
C
*
B
D35 1
**Vent
Pb-free PVC Sleeve
L
2
See
Pin
Detail
22.5
2-4x
PC board pin-out
30
°
A
*
C
*
B
D35 1
**Vent
Pb-free PVC Sleeve
D
1
L
2
**Vent
See
Pin
Detail
10
2-2x
PC board pin-out
A
*
Pb-free PVC Sleeve
L
2
See
Pin
Detail
22.5
2-4x
PC board pin-out
30
°
C
*
B
D35 1
**Vent
Type VQT Ø40
CAUTION:
* Use the blank terminals for mechanical support only. The
blank terminals must not be connected to a solder trace on
the PC board, but be electrically isolated from the negative
or positive terminal.
** Vent may be located either on the bottom or side of the can.
Pb-free PVC Sleeve
L
2
See
Pin
Detail
25
2-5x
PC board pin-out
360
°
6
A
*
B
*
D
*
D40 1
**Vent
C
VS & VN Pin Dimensions
VR & VQ Pin Dimensions
Type
Straight Pin (VR)
Standoff Pin (VQ)
P
5.50 1.0
3.75 1.0
P1
2.0 max.
W1
0.7
W
1.5
0.1
W2
W1
W
P
Edge
of can
W
P
W1
Edge
of can
P1
W
P
W1
Edge
of can
VR Straight Pin
VQ Standoff Pin
Type
VSN Ø22 - Ø30
VSN Ø35
VNN Ø22 - Ø35
VND Ø35 - Ø40
P
4.0
0.5
3.5
0.5
5.8
1.0
5.8
1.0
W
1.5
0.2
W1
1.0
W2
1.0


Similar Part No. - ESMH3B1VSN221MQ30T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMH350VQT CHEMI-CON-ESMH350VQT Datasheet
182Kb / 15P
   Snap Mount
ESMH350VQT153MB25T CHEMI-CON-ESMH350VQT153MB25T Datasheet
189Kb / 15P
   Snap Mount
ESMH350VQT153MB25T CHEMI-CON-ESMH350VQT153MB25T Datasheet
182Kb / 15P
   Snap Mount
ESMH350VQT153MB25T CHEMI-CON-ESMH350VQT153MB25T Datasheet
182Kb / 15P
   Snap Mount
ESMH350VQT183MB30T CHEMI-CON-ESMH350VQT183MB30T Datasheet
189Kb / 15P
   Snap Mount
More results

Similar Description - ESMH3B1VSN221MQ30T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com