Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV1023 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV1023
Description  40-66 MHz 10 Bit Bus LVDS Serializer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV1023 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS92LV1023 Datasheet HTML 1Page - National Semiconductor (TI) DS92LV1023 Datasheet HTML 2Page - National Semiconductor (TI) DS92LV1023 Datasheet HTML 3Page - National Semiconductor (TI) DS92LV1023 Datasheet HTML 4Page - National Semiconductor (TI) DS92LV1023 Datasheet HTML 5Page - National Semiconductor (TI) DS92LV1023 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV1023 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV1023 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV1023 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS92LV1023
40-66 MHz 10 Bit Bus LVDS Serializer
General Description
The DS92LV1023 is a 400 to 660 Mb/s serializer for high-
speed unidirectional serial data transmission over FR-4
printed circuit board backplanes and balanced copper
cables. It transforms a 10-bit wide parallel LVCMOS/LVTTL
data bus into a single high speed Bus LVDS serial data
stream with embedded clock. This single serial data stream
simplifies PCB design and reduces PCB cost by narrowing
data paths that in turn reduce PCB size and number of
layers. The single serial data stream also reduces cable
size, the number of connectors, and eliminates clock-to-data
and data-to-data skew.
The DS92LV1023 works well with any National Semiconduc-
tor’s Bus LVDS 10–bit deserializer within its specified fre-
quency operating range. It features low power consumption,
pin selectable edge trigger on clock, and high impedance
outputs in power down mode.
The DS92LV1023 was designed with the flow-through pinout
and is available in a space saving 28–lead SSOP package.
Features
n
40–66 MHz Single 10:1 Serializer with 400–660 Mb/s
throughput
n
Robust Bus LVDS serial data transmission with
embedded clock for exceptional noise immunity and low
EMI
n
Guaranteed transition every data transfer cycle
n
Low power consumption < 250 mW (typ) @ 66 MHz
n
Single differential pair eliminates multichannel skew
n
Flow-through pinout for easy PCB layout
n
Programmable edge trigger on clock
n
High impedance on driver outputs when power is off
n
Bus LVDS serial output rated for 27
Ω load
n
Small 28-lead SSOP package
Block Diagrams
10093301
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
April 2005
© 2005 National Semiconductor Corporation
DS100933
www.national.com


Similar Part No. - DS92LV1023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1023E NSC-DS92LV1023E Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1023EMQ NSC-DS92LV1023EMQ Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023EMQ/NOPB TI1-DS92LV1023EMQ/NOPB Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
More results

Similar Description - DS92LV1023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023_15 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1023E NSC-DS92LV1023E Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV18 NSC-DS92LV18_06 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
Texas Instruments
DS92LV18 TI1-DS92LV18_15 Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com