Electronic Components Datasheet Search |
|
E32F351CPN332MEA5M Datasheet(PDF) 5 Page - United Chemi-Con, Inc. |
|
E32F351CPN332MEA5M Datasheet(HTML) 5 Page - United Chemi-Con, Inc. |
5 / 9 page United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 133 U32F Series Supplement Code. Field 18. C = PET insulation with end disk. F = Coated can. M = Pb-free PVC insulation with end disk. Case Size. Fields 15, 16 and 17. The single letter diameter code is inserted in field 15. C= Ø50.8mm (Ø2.000”) D= Ø63.5mm (Ø2.500”) E= Ø76.2mm (Ø3.000”) F= Ø89mm (Ø3.500”) The double character length code is inserted in fields 16 and 17. For lengths ≤ 99mm, insert the actual length rounded to nearest millimeter. For lengths of 100mm or more, insert the appropriate alpha numeric code as indicated below. 92 = 92mm (3.625”) A5 = 105mm (4.125”) B7 = 117mm (4.625”) D0 = 130mm (5.125”) E3 = 143mm (5.625”) F5 = 155mm (6.125”) J0 = 180mm (7.125”) K0 = 190mm (7.500”) N0 = 220mm (8.625”) Capacitance Tolerance. Field 14. M= 20% Capacitance. Fields 11, 12 and 13. Expressed in Microfarads. The first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 F or more. R indicates the decimal point for capacitance less than 10 F (e.g. 2R2 = 2.2 F; 220 = 22 F; 221 = 220 F; 222 = 2,200 F; 223 = 22,000 F). Mounting Hardware. Field 10. N = None. B = Two-footed clamp. C = Three-footed clamp. S = Stud mount. Terminal Type. Fields 8 and 9. HP = High post 10-32 NF- 2B screw thread. HL = High post M5x0.8 screw thread. CD = UTE M5x0.8 screw thread. CP = Low post 1/4-28 NF-2B screw thread. CH = High post 1/4-28 NF-2B screw thread. CA = Low post M6x1 screw thread. CS = High post M6x1 screw thread. DC Rated Voltage. Fields 5, 6 and 7. Expressed in Volts. The first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10VDC or more. R indicates the decimal point for rated voltage less than 10VDC (e.g. 4R5 = 4.5VDC; 450 = 45VDC; 451 = 450VDC). Series Name. Fields 2, 3 and 4. Enter the 3-letter/digit series name in fields 2, 3 and 4. If the series name is only 2 letters/digits, place a dash in field 4. For a series name with more than 3 letters/digits, refer to the individual series for the appropriate 3-field series name. Capacitor Type. Field 1. Aluminum Electrolytic Capacitor (Polar). Part Numbering System for U32F Series When ordering, always specify complete 18-field global part number. E 3 2F 4 51 CP N 222 M E 92 M 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 18 9 8 7 6 5 4 3 2 1 18 Fields |
Similar Part No. - E32F351CPN332MEA5M |
|
Similar Description - E32F351CPN332MEA5M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |